Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPP15US24 Datasheet(PDF) 5 Page - XP Power Limited

Part # CPP15US24
Description  Single Output Enclosed Switchers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPP15US24 Datasheet(HTML) 5 Page - XP Power Limited

  CPP15US24 Datasheet HTML 1Page - XP Power Limited CPP15US24 Datasheet HTML 2Page - XP Power Limited CPP15US24 Datasheet HTML 3Page - XP Power Limited CPP15US24 Datasheet HTML 4Page - XP Power Limited CPP15US24 Datasheet HTML 5Page - XP Power Limited CPP15US24 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.xpplc.com
sales@xpplc.com
Mechanical Details - 100 Watt Models
Mechanical Details - 150 Watt Models
Pin No.
Function
1
RC (–)
2
RC (+)
CN1
CN1 (Connector for remote control)
Type: B2B-XH-A
Mating Connector (Terminal)
Mfr:JST
XHP-2
(BXH-001T-P0.6 or SXH-001T-P0.6)
Weight: 0.7 kg.
Cover is optional.
Tolerance: ±1.
Dimensions in mm.
Base plate fixing option available, order part no. F-CPP100-1.
Wall fixing option available, order part no. F-CPP100-2.
Pin No.
Function
1
RC (–)
2
RC (+)
CN1
CN1 (Connector for remote control)
Type: B2B-XH-A
Mating Connector (Terminal)
Mfr:JST
XHP-2
(BXH-001T-P0.6 or SXH-001T-P0.6)
Weight: 0.9 kg.
Cover is optional.
Tolerance: ±1.
Dimensions in mm.
Base plate fixing option available, order part no. F-CPP150-1.
Wall fixing option available, order part no. F-CPP150-2.


Similar Part No. - CPP15US24

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CPP12WBL PANDUIT-CPP12WBL Datasheet
142Kb / 1P
   Mini-Com 12-Port Modular Faceplate Patch Panels
More results

Similar Description - CPP15US24

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
   600W Single Output Economy/Technology Switchers
logo
XP Power Limited
CPC15UT1 XPPOWER-CPC15UT1 Datasheet
963Kb / 4P
   Triple Output Switchers
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
   7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
logo
Recom International Pow...
RACM150-S RECOM-RACM150-S Datasheet
429Kb / 5P
   150 Watt Enclosed Case Style Single Output
RACM150 RECOM-RACM150 Datasheet
360Kb / 4P
   150 Watt Enclosed Case Style Single Output
RACM100-S RECOM-RACM100-S Datasheet
405Kb / 5P
   100 Watt Enclosed Case Style Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com