Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSD-1420S Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ADSD-1420S
Description  Dual 14-Bit, 20MSPS Sampling A/D Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADSD-1420S Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ADSD-1420S Datasheet HTML 1Page - Murata Power Solutions Inc. ADSD-1420S Datasheet HTML 2Page - Murata Power Solutions Inc. ADSD-1420S Datasheet HTML 3Page - Murata Power Solutions Inc. ADSD-1420S Datasheet HTML 4Page - Murata Power Solutions Inc. ADSD-1420S Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
www.cd4power.com
ANALOG INPUTS
MIN.
TYP.
MAX.
UNITS
Input Voltage Range
±2.5V
Volts
Input Impedence
610
620
630
Input Capacitance
7
15
pF
DIGITAL INPUTS
Logic Levels
Logic "1"
+2.4
Volts
Logic "0"
+0.8
Volts
Logic Loading "1"
+10
μA
Logic Loading "0"
–10
μA
PERFORMANCE
Integral Non-Linearity
+25°C (fin=10kHz)
±1
LSB
0 to +70°C
±1
LSB
–55 to +125°C
±2
LSB
Differential Non-Linearity
(fin = 10kHz)
+25°C
–0.99
±0.5
+1.5
LSB
0 to +70°C
–0.99
±0.5
+1.5
LSB
–55 to +125°C
–0.99
±0.75
+1.75
LSB
Offset Error
+25°C (see Figure 3)
±0.25
±0.5
%FSR
0 to +70°C
±0.25
±0.5
%FSR
–55 to +125°C
±0.5
±0.8
%FSR
Gain Error
+25°C (see Figure 3)
±0.3
±0.6
%FSR
0 to +70°C
±0.3
±0.6
%FSR
–55 to +125°C
±0.6
±0.8
%FSR
No Missing Codes
14 Bits
–55 to +125°C
Resolution
14 Bits
OUTPUTS
Output Coding
Offset Bin.
Logic Level
Logic "1"
VDD = +5V
+3.8
Volts
VDD = +3.3V
+2.48
Volts
Logic "0"
VDD = +5V
+0.5
Volts
VDD = +3.3V
+0.5
Volts
Logic Loading "1" VDD = +5V
–8
mA
VDD = +3.3V
–4
mA
Logic Loading "0" VDD = +5V
+8
mA
VDD = +3.3V
+4
mA
Internal Reference
Voltage, +25°C
+1.5
+1.55
+1.6
Volts
0 to +70°C
+1.5
+1.55
+1.6
Volts
External Current
5
mA
DYNAMIC PERFORMANCE
MIN.
TYP.
MAX.
UNITS
Total Harm. Distort. (–0.5dB)
dc to 500kHz
–81
–77
dB
500kHz to 10MHz
–80
–74
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB
dc to 500kHz
73
75
dB
500kHz to 10MHz
73
75
dB
Signal-to-Noise Ratio
(and distortion, –0.5dB)
dc to 500kHz
71
74
dB
500kHz to 10MHz
71
74
dB
Spurious Free Dyn. Range
dc to 500kHz
–83
–80
dB
500kHz to 10MHz
–82
–76
dB
Two-tone IMD
Distortion (fin = 9.68MHz,
fs = 20MHz, –0.5dB)
–78
dB
Input Bandwidth (–3dB)
Small Signal (–20dB input)
25
MHz
Large Signal (–0.5dB input)
25
MHz
Aperture Delay Time
±10
ns
Aperature Uncertainty
5
ps
S/H Acq. Time, (to ±0.003%FSR)
Step input
25
ns
Feedthrough Rejection
(fin = 10MHz)
85
dB
Noise
250
μVrms
TIMING SPECIFICATIONS
Conversion Rate
1
20
MHz
Start Convert High
20
25
500
ns
Start Convert Low
20
25
500
ns
Start Convert to EOC
Delay
2
6
10
ns
EOC to Data Valid
Delay
0
7
12
ns
Output Enable Delay
1
6
13
ns
Output Disable Delay
1
6
13
ns
POWER REQUIREMENTS
Power Supply Ranges
–5VEE Supply
–5.25
–5.0
–4.75
Volts
+5VCC Supply
+4.75
+5.0
+5.25
Volts
VDD Supply
+3.0
+5.0
VCC
Volts
Power Supply Currents
–5VEE Supply
–100
–89
mA
+5VCC Supply
+230
+245
mA
VDD Supply
+2.0
+5.0
mA
Power Dissipation
1.6
1.7
Watts
Power Supply Rejection
±0.01
%FSR%V
PHYSICAL/ENVIRONMENTAL
Oper. Temp. Range, Ambient
ADSD-1420S
0
+70
°C
ADSD-1420S-EX
–55
+125
°C
Storage Temperature Range
–65
+150
°C
Package Type
40-pin, SMT TDIP
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+5VCC Supply (Pins 2, 39)
0 to +6
Volts
–5VEE Supply (Pins 9, 32)
0 to –6
Volts
VDD Supply (Pin 12)
–0.3 to (VCC +0.3)
Volts
Digital Inputs (Pins 10, 11, 30, 31)
–0.3 to (VDD +0.3)
Volts
Analog Input (Pins 1, 40)
±7
Volts
Lead Temp. (10 seconds)
+300
°C
Footnote:
Same specification as In-Band Harmonics and Peak Harmonics.
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, VCC = +5V, VDD = +5V, VEE = –5V, 20MSPS sampling rate,Vin = ±2.5V
and a minimum 7 minute warmup unless otherwise specified.)


Similar Part No. - ADSD-1420S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
ADSD-1420S DELTA-ADSD-1420S Datasheet
346Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
DATEL, Inc.
ADSD-1420S DATEL-ADSD-1420S Datasheet
105Kb / 1P
   Sampling A/D Converters
logo
Delta Electronics, Inc.
ADSD-1420S-EX DELTA-ADSD-1420S-EX Datasheet
346Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
DATEL, Inc.
ADSD-1420S-EX DATEL-ADSD-1420S-EX Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADSD-1420S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
ADSD1420S DELTA-ADSD1420S Datasheet
346Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
STMicroelectronics
TSA1401 STMICROELECTRONICS-TSA1401 Datasheet
523Kb / 19P
   14-BIT, 20MSPS, 85mW A/D CONVERTER
logo
Murata Power Solutions ...
ADSD-1402 MURATA-PS-ADSD-1402 Datasheet
170Kb / 5P
   Dual, 14-Bit, 2MSPS Sampling A/D Converter
ADSD-1410S MURATA-PS-ADSD-1410S Datasheet
170Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
C&D Technologies
ADSD-1410S CANDD-ADSD-1410S Datasheet
134Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1402S MURATA-PS-ADSD-1402S Datasheet
170Kb / 5P
   Dual, 14-Bit, 2MSPS Sampling A/D Converter
logo
Linear Technology
LTC1406 LINER-LTC1406 Datasheet
447Kb / 16P
   Low Power, 8-Bit, 20Msps, Sampling A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Linear Technology
LTC1406 LINER-LTC1406_15 Datasheet
377Kb / 16P
   Low Power, 8-Bit, 20Msps, Sampling A/D Converter
logo
STMicroelectronics
RHF1401 STMICROELECTRONICS-RHF1401 Datasheet
453Kb / 29P
   Rad-hard 14-bit 20Msps 85mW A/D converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com