Selected language     English  ā–¼


D-120A Datasheet(PDF) 2 Page - XP Power Limited

Part No. D-120A
Description  120W Dual Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

   
 2 page
background image
MechanicalSpecification
CaseNo.901Unit:mm
StaticCharacteristics(B)
FileName:D-60-SPEC2005-09-13
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
-10
-10
0
0
20
10
30
40
20
40
80
60
100
60
55
50
45
(HORIZONTAL)
(VERTICAL)
Ta=25
TerminalPin.No Assignment
PinNo.
PinNo.
1
2
4
3
5
6,7
Assignment
Assignment
DCOUTPUT +V2
DCOUTPUT +V1
DCOUTPUT COM
FG
AC/L
AC/N
+24V
+5V
+24V
+5V
25
19
21
20
24
23
22
240
260
220
140
160
200
180
100
120
80
300
250
200
100
150
50
25
4.8
5.0
5.2
4.4
4.6
4.2
60
4.0
4.5
152.5
2-M
3
150
6.5
78
24
159
22
117
3-M
3
3.5
7
6
5
4
3
2
1
OutputDerating
60WDualOutputSwitchingPowerSupply
D - 6 0 series




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD-120120W Dual Output Switching Power Supply 1 2 3 4 5 MoreAstrodyne Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
D-120120W Dual Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
Q-120120W Quad Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
T-120120W Triple Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
RD-3535W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
RPD-6565W Dual Output Switching Power Supply 1 2 3 Mean Well Enterprises Co., Ltd.
RD-5050W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
RD-6565W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
D-3030W Dual Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl