Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPM200C3S05 Datasheet(PDF) 4 Page - XP Power Limited

Part # CPM200C3S05
Description  Component Power DC-DC Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPM200C3S05 Datasheet(HTML) 4 Page - XP Power Limited

  CPM200C3S05 Datasheet HTML 1Page - XP Power Limited CPM200C3S05 Datasheet HTML 2Page - XP Power Limited CPM200C3S05 Datasheet HTML 3Page - XP Power Limited CPM200C3S05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.xpplc.com
sales@xpplc.com
NOTES:
1. All dimensions in mm, tolerance ±0.3 mm.
2. Weight CPM100-200 = 150 g, CPM400 = 180 g
NOTES:
1. All dimensions in mm, tolerance ±0.3 mm.
2. Weight 200g or less
Mechanical Details - 100, 150, 200 & 400 Watt Models
Mechanical Details - 600 Watt Model
No.
Connection
Function
1, 2
+V IN
+ DC Input
3, 4
-V IN
- DC Input
5
RC1
Remote ON/OFF (Input1)
6, 7, 8, 9
+V OUT
+ DC Output
10, 11, 12, 13
-V OUT
- DC Output
14
CB
Current Balance
15
VB
Voltage Balance
16
TMP
Thermal Detection Signal
17
RC3
Remote ON/OFF
18
RC2
Output Side
19
TRM
Adjustment of Output Voltage
20
+S
+ Remote Sensing
21
-S
- Remote Sensing
22
IOG
Inverter Operation Monitor
23
AUX
Auxiliary Power Supply
FG
Mounting Hole (FG)
No.
Connection
Function
1
+V IN
+ DC Input
2
-V IN
- DC Input
3
RC1
Remote ON/OFF (Input1)
4, 5, 6, 7
+V OUT
+ DC Output
8, 9, 10, 11
-V OUT
- DC Output
12
CB
Current Balance
13
VB
Voltage Balance
14
TMP
Thermal Detection Signal
15
RC3
Remote ON/OFF
16
RC2
Output Side
17
TRM
Adjustment of Output Voltage
18
+S
+ Remote Sensing
19
-S
- Remote Sensing
20
IOG
Inverter Operation Monitor
21
AUX
Auxiliary Power Supply
FG
Mounting Hole (FG)
Rev 5.0


Similar Part No. - CPM200C3S05

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPM2-1200-0025A CREE-CPM2-1200-0025A Datasheet
569Kb / 7P
   Silicon Carbide Power MOSFET
logo
WOLFSPEED, INC.
CPM2-1200-0025A WOLFSPEED-CPM2-1200-0025A Datasheet
569Kb / 7P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 1, 01-202
logo
Cree, Inc
CPM2-1200-0025B CREE-CPM2-1200-0025B Datasheet
923Kb / 7P
   Silicon Carbide Power MOSFET C2M MOSFET Technology
CPM2-1200-0040A CREE-CPM2-1200-0040A Datasheet
524Kb / 7P
   Silicon Carbide Power MOSFET
logo
WOLFSPEED, INC.
CPM2-1200-0040A WOLFSPEED-CPM2-1200-0040A Datasheet
524Kb / 7P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 1, 11-2020
More results

Similar Description - CPM200C3S05

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
   50W DC/DC Power Modules
V48SC3R320 DELTA-V48SC3R320_14 Datasheet
888Kb / 16P
   66W DC/DC Power Modules
V48SC05017 DELTA-V48SC05017_14 Datasheet
630Kb / 16P
   85W DC/DC Power Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com