Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNR120LS24 Datasheet(PDF) 2 Page - XP Power Limited

Part # DNR120LS24
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DNR120LS24 Datasheet(HTML) 2 Page - XP Power Limited

  DNR120LS24 Datasheet HTML 1Page - XP Power Limited DNR120LS24 Datasheet HTML 2Page - XP Power Limited DNR120LS24 Datasheet HTML 3Page - XP Power Limited DNR120LS24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DCOK
DCOK
DCOK
DCOK
22K
0.5W
5.1K
0.3W
RL > 700ohm
a) Relay Example
b) 5 V Signal Example
-Vout
-Vout
DC OK
Derating Curves
Standby Versions
DNR120-480
Models and Ratings
Output Voltage
Output Voltage Trim
Output Current
Typical Efficiency
Model Number
12 V
11.4-14.5 V
10.0 A
84%
DNR120LS12(1,2,3)
24 V
22.5-30.0 V
5.0 A
86%
DNR120LS24(1,2,3)
48 V
45.0-55.0 V
2.5 A
87%
DNR120LS48(1,2,3)
12 V
11.4-14.5 V
10.0 A
84%
DNR120AS12-I(3,4)
24 V
22.5-30.0 V
5.0 A
86%
DNR120AS24-I(3,4)
48 V
45.0-55.0 V
2.5 A
87%
DNR120AS48-I(3,4)
24 V
22.5-28.5 V
10.0 A
89%
DNR240PS24-I(3,4)
48 V
47.0-56.0 V
5.0 A
90%
DNR240PS48-I(3,4)
24 V
22.5-28.5 V
20.0 A
89%
DNR480PS24-I(3,4)
48 V
47.0-56.0 V
10.0 A
90%
DNR480PS48-I(3,4)
24 V
22.5-28.5 V
20.0 A
88%
DNR480TS24-I
48 V
47.0-56.0 V
10.0 A
89%
DNR480TS48-I
Notes
1. Add suffix ‘-I’ to DNR120LS model number for parallel function, (120AS, 240 & 480 W models have parallel function as standard). A maximum of 3 units can be
paralleled. Total power available is 90% of the rated current of each unit.
2. For PFC version of DNR120LS, replace ‘L’ in the model number with ‘P’ e.g. DNR120LS24 becomes DNR120PS24 (Typical power factor 0.7).
3. Add suffix ‘-D’ for detachable connector option.
4. For DC standby, remove ‘-I’ and add # to the end of the model number.
Contact Rating: 0.3 A at 60 VDC
500 VDC isolation
Open = Output fail
Closed = Output good
Volt free contact closed when
good voltage from PSU or battery
available to the load in standby system
Available on 24 V models only.
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
-10
-20
-25
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
DNR480PS
-10
-20
-25
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
DNR480TS
DNR120 & 240
DNR120-240
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
-10
-20
-25
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
DNR480PS
-10
-20
-25
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
DNR480TS
DNR120 & 240
DNR480PS
0
10
20
30
40
50
60
70
Ambient Temp (˚C)
-10
-20
-25
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
DNR480PS
-10
-20
-25
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
DNR480TS
DNR120 & 240
DNR480TS
6
1
1
3
ON
DC LO
+
-
DC OK
DC OK
K1
K1
Battery
Fuse
D1
LOAD
Maximum current drain from battery by PSU when inactive 22 mA.
+
-
Output Set Voltages For Standby Versions
Model
Voltage
Current
DC OK
Shutoff
DNR120AS12#
13.6 V
8.8 A
10.8 V ±5%
DNR120AS24#
27.2 V
4.4 A
21.6 V ±5%
DNR120AS48#
54.5 V
2.2 A
43.2 V ±5%
DNR240PS24#
27.2 V
8.8 A
21.6 V ±5%
DNR240PS48#
54.5 V
4.4 A
43.2 V ±5%
DNR480PS24#
27.2 V
17.6 A
21.6 V ±5%
DNR480PS48#
54.5 V
8.8 A
43.2 V ±5%
Available from Farnell. See pages 204-206.


Similar Part No. - DNR120LS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DNR120-960TS XPPOWER-DNR120-960TS Datasheet
422Kb / 2P
   Three Phase AC Input
DNR120TS12 XPPOWER-DNR120TS12 Datasheet
69Kb / 2P
   AC-DC Power Supplies
DNR120TS12 XPPOWER-DNR120TS12 Datasheet
422Kb / 2P
   Three Phase AC Input
DNR120TS24 XPPOWER-DNR120TS24 Datasheet
69Kb / 2P
   AC-DC Power Supplies
DNR120TS24 XPPOWER-DNR120TS24 Datasheet
422Kb / 2P
   Three Phase AC Input
More results

Similar Description - DNR120LS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com