Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL10US48 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECL10US48
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL10US48 Datasheet(HTML) 2 Page - XP Power Limited

  ECL10US48 Datasheet HTML 1Page - XP Power Limited ECL10US48 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-Oct-08
ECL10
0.150
(3.80)
1.000
(25.40)
0.800
(20.32)
0.170
(4.40)
0.730
(18.46)
0.900
(22.86)
0.400
(10.16)
0.100
(2.54)
0.100
(2.54)
0.180
(45.72)
1.800
(45.72)
ø 0.070 (ø1.80)
ø 0.040 (ø1.00)
4 x ø 0.040 (ø1.00)
2.000
(50.80)
0.100
(2.54)
+Vo
-Vo
V Adj.
V Adj.
ACN
ACL
Open Frame - PCB Mount (-P)
Open Frame - Chassis Mount (-T)
2.600
(66.04)
2.285 (58.04)
4-ø0.126 (ø3.20)
0.157
(4.00)
0.727
(18.47)
0.850
(21.59)
0.157
(4.00)
0.685
(17.40)
1.000
(25.40)
+Vo
-Vo
ACN
ACL
0.800 ±0.012 (20.32 ±0.30)
1.070
(27.20)
0.400 ±0.012 (10.16 ±0.30)
0.130 (3.40)
0.130
(3.40)
0.910
(23.00)
0.390
(10.00)
2.060
(52.41)
+Vo
-Vo
ACL
ACN
Encapsulated (-E)
TOP VIEW
Mechanical Details
Models and Ratings
Output
Power
Output
Voltage
Output Current
Efficiency
Model
Number(2)
Nominal
Peak(1)
8.6 W
3.3 VDC
2.60 A
3.38 A
72%
ECL10US03^†
10 W
5.0 VDC
2.00 A
2.60 A
75%
ECL10US05^†
10 W
9.0 VDC
1.10 A
1.43 A
78%
ECL10US09^†
10 W
12.0 VDC
0.83 A
1.08 A
78%
ECL10US12^†
10 W
15.0 VDC
0.67 A
0.87 A
80%
ECL10US15^†
10 W
24.0 VDC
0.42 A
0.55 A
82%
ECL10US24^†
10 W
48.0 VDC
0.21 A
0.27 A
82%
ECL10US48^†
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal.
2. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’ for chassis mount, add ‘-E’ for encapsulated.
1. Dimensions in inches (mm).
2. Tolerances:
x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
Mating Connectors (Chassis mount only)
Input Connector: JST PHR-3
Output Connector: JST PHR-2
Crimps: SPH-002T-P0.5S
Cable harness with 300 mm wire available, order part no. ECL10 LOOM KIT
Available from Farnell. See pages 204-206.
^ Available from Newark. See pages 207-208.
Notes


Similar Part No. - ECL10US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL10US48 XPPOWER-ECL10US48 Datasheet
450Kb / 6P
   530 Watts ECL Series
logo
Omron Electronics LLC
ECL10US48 OMRON-ECL10US48 Datasheet
3Mb / 31P
   530 Watts ECL Series
logo
XP Power Limited
ECL10US48 XPPOWER-ECL10US48 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US48 XPPOWER-ECL10US48 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US48 XPPOWER-ECL10US48 Datasheet
449Kb / 6P
   Ultra Compact Size
More results

Similar Description - ECL10US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com