Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL15US24 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECL15US24
Description  PCB Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL15US24 Datasheet(HTML) 1 Page - XP Power Limited

  ECL15US24 Datasheet HTML 1Page - XP Power Limited ECL15US24 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
15 Watts
Ultra Compact Size
Low Cost
Single Outputs from 3.3 to 48 V
PCB Mount & Open Frame
Encapsulated PCB Mount
Class II
Peak Load Capability
ECL15 Series
Input
Input Voltage
• 85-264 VAC (120-370 VDC)
Input Frequency
• 47-63 Hz
Input Current
• 0.3 A rms at 230 VAC
Inrush Current
• 20 A at 115 VAC, 40 A at 230 VAC,
Earth Leakage Current
• Class II construction no earth
Input Protection
• Internal 2 A fuse
Output
Output Voltage
• See tables
Output Voltage Trim
• ±5% (not encapsulated units)
Initial Set Accuracy
• ±1%
Minimum Load
• No minimum load required
Start Up Delay
• 2 s max
Start Up Rise Time
• 14 ms max
Hold Up Time
• 16 ms typical at full load & 115 VAC
Line Regulation
• ±0.5% max
Load Regulation
• ±1% max
Transient Response
• 4% max deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• 3.3-5 V versions: 50 mV pk-pk,
12-15 V versions: 120 mV pk-pk,
24-48 V versions: 200 mV pk-pk,
20 MHz BW
Overvoltage Protection • 115-135% Vnom, recycle input to reset
Overload Protection
• 120-150%
Short Circuit Protection • Trip and restart (Hiccup mode)
Temperature
• 0.05%/°C
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 3000 VAC Input to Output
Switching Frequency
• 70 kHz typical
Power Density
• 4.8 W/In3 (PCB Mount version)
MTBF
• >400 kHrs per MIL-HDBK-217F
Environmental
Operating Temperature • -20 °C to +70 °C, derate linearly from
100% at +50 °C to 50% at +70 °C
Cooling
• Convection-cooled
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3000 m
Vibration
• 2 g, 10 Hz to 500 kHz, 10 mins/cycle,
60 mins each cycle
EMC & Safety
Emissions
• EN55022, level B conducted & radiated
Harmonic Currents
• EN61000-3-2, EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 10 V/m 80% mod
Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, 10 Vrms Perf Criteria A
Magnetic Fields
• EN61000-4-8, 10 A/m Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 70% UT for 10 ms,
40% UT for 100 ms, <5% UT for 5000 ms
Perf Criteria A, B, B
Safety Approvals
• EN60950, UL60950,
CSA22.2 No. 234 per cUL


Similar Part No. - ECL15US24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL15US24 XPPOWER-ECL15US24 Datasheet
450Kb / 6P
   530 Watts ECL Series
ECL15US24 XPPOWER-ECL15US24 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL15US24 XPPOWER-ECL15US24 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL15US24 XPPOWER-ECL15US24 Datasheet
1Mb / 6P
   5-30 Watts ECL Series
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
More results

Similar Description - ECL15US24

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com