Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL25US48 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECL25US48
Description  PCB Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL25US48 Datasheet(HTML) 2 Page - XP Power Limited

  ECL25US48 Datasheet HTML 1Page - XP Power Limited ECL25US48 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-Oct-08
ECL25
0.15
(3.8)
1.40
(35.6)
1.18
(30.0)
0.17
(4.4)
ø0.07 (ø 1.8)
ø0.04 (ø1.0)
0.88
(22.3) MAX
0.11
(2.8)
0.59
(15.0)
0.08
(1.9)
2.85
(72.4)
3.00
(76.2)
0.11
(2.8)
-Vo
+Vo
ACN
ACL
Open Frame - PCB Mount (-P)
Open Frame - Chassis Mount (-T)
3.50
(88.9)
3.20 (81.3)
4- 0.15 (3.81)
0.15
(3.8)
0.88
(22.4) MAX
0.12
(3.0)
0.15
(3.8)
1.10
(27.9)
1.40
(35.6)
-Vo
+Vo
ACN
ACL
0.59 (15.0)
1.50
(38.1)
1.18 (30.0)
0.16 (4.1)
2.85
(72.4)
0.13
(3.2)
1.10
(27.9)
0.39
(10.0)
4 x ø0.04 (ø1.00)
3.10
(78.7)
ACN
ACL
+Vo
-Vo
Encapsulated (-E)
BOTTOM VIEW
Mechanical Details
Models and Ratings
Output
Power
Output
Voltage
Output Current
Efficiency
Model
Number(2)
Nominal
Peak(1)
20 W
3.3 VDC
6.00 A
7.80 A
75%
ECL25US03
25 W
5.0 VDC
5.00 A
6.50 A
78%
ECL25US05
25 W
9.0 VDC
2.80 A
3.64 A
80%
ECL25US09
25 W
12.0 VDC
2.10 A
2.73 A
80%
ECL25US12
25 W
15.0 VDC
1.67 A
2.17 A
80%
ECL25US15
25 W
24.0 VDC
1.04 A
1.35 A
82%
ECL25US24
25 W
48.0 VDC
0.52 A
0.68 A
82%
ECL25US48
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal.
2. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’ for chassis mount, add ‘-E’ for encapsulated.
1. Dimensions in inches (mm).
2. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
Mating Connectors (Chassis mount only)
Input Connector: JST XHP-3
Output Connector: JST XHP-6
Crimps: SXH-002T-P0.6
Cable harness with 300 mm wire available, order part no. ECL25 LOOM KIT
Notes


Similar Part No. - ECL25US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL25US48 XPPOWER-ECL25US48 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL25US48 XPPOWER-ECL25US48 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL25US48 XPPOWER-ECL25US48 Datasheet
1Mb / 6P
   5-30 Watts ECL Series
More results

Similar Description - ECL25US48

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com