Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPP150PS48 Datasheet(PDF) 2 Page - XP Power Limited

Part # CPP150PS48
Description  Single Output Enclosed Switchers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPP150PS48 Datasheet(HTML) 2 Page - XP Power Limited

  CPP150PS48 Datasheet HTML 1Page - XP Power Limited CPP150PS48 Datasheet HTML 2Page - XP Power Limited CPP150PS48 Datasheet HTML 3Page - XP Power Limited CPP150PS48 Datasheet HTML 4Page - XP Power Limited CPP150PS48 Datasheet HTML 5Page - XP Power Limited CPP150PS48 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Derating Curves
www.xpplc.com
sales@xpplc.com
Voltage
3 Volts
5 Volts
12 Volts
15 Volts
24 Volts
48 Volts
Power
15 Watts
-
CPP15US05
CPP15US12
CPP15US15
CPP15US24
CPP15US48
5 V @ 3.00 A
12 V @ 1.30 A
15 V @ 1.00 A
24 V @ 0.70 A
48 V @ 0.35 A
30 Watts
-
CPP30US05
CPP30US12
CPP30US15
CPP30US24
CPP30US48
5 V @ 6.00 A
12 V @ 2.50 A
15 V @2.00 A
24 V @ 1.30 A
48 V @ 0.63 A
50 Watts
CPP50PS03
CPP50PS05
CPP50PS12
CPP50PS15
CPP50PS24
CPP50PS48
3 V @ 10.00 A
5 V @ 10.00 A
12 V @ 4.30 A
15 V @ 3.50 A
24 V @ 2.20 A
48 V @ 1.10 A
75 Watts
CPP75PS03
CPP75PS05
CPP75PS12
CPP75PS15
CPP75PS24
CPP75PS48
3 V @ 15.00 A
5 V @ 15.00 A
12 V @ 6.30 A
15 V @ 5.00 A
24 V @ 3.20 A
48 V @ 1.60 A
100 Watts
CPP100PS03
CPP100PS05
CPP100PS12
CPP100PS15
CPP100PS24
CPP100PS48
3 V @ 20.00 A
5 V @ 20.00 A
12 V @ 8.50 A
15 V @ 7.00 A
24 V @ 4.50 A
48 V @ 2.10 A
150 Watts
CPP150PS03
CPP150PS05
CPP150PS12
CPP150PS15
CPP150PS24
CPP150PS48
3 V @ 30.00 A
5 V @ 30.00 A
12 V @ 13.00 A
15 V @ 10.00 A
24 V @ 6.50 A
48 V @ 3.30 A
300 Watts
CPP300PS03
CPP300PS05
CPP300PS12
CPP300PS15
CPP300PS24
CPP300PS48
3 V @ 60.00 A
5 V @ 60.00 A
12 V @ 27.00 A
15 V @ 22.00 A
24 V @ 14.00 A
48 V @ 7.00 A
600 Watts
CPP600PS03
CPP600PS05
CPP600PS12
CPP600PS15
CPP600PS24
CPP600PS48
3 V @ 120.00 A
5 V @ 120.00 A
12 V @ 53.00 A
15 V @ 43.00 A
24 V @ 27.00 A
48 V @ 13.00 A
OUTPUT VOLTAGE & CURRENT RATINGS
CPP
1. 300 & 600 watt models have cover and integral cooling fan as standard.
2. 50-150 watt models can have remote control, add suffix ‘-R’ to the model number.
3. DIN rail mounting brackets and mounting plates available.
Notes
Ambient Temperature(°C) A : Open Frame B : Cover Attached. Derating test has not been conducted by CSA
NOTE:Curves are shown for units mounted in the normal mounting orientation with the connector strip vertical. Check with technical sales for derating
when mounted in other planes
50-150 Watt models
300-600 Watt models
15-30 Watt models
Mounting Plates & Brackets
Suitable for 35 mm top hat style DIN rails.
DIN Rail Mounting Clips are also available.
Note: For OEM quantities a low cost clip on version is available -
call sales office
165
174.5
178.6
Base Plate Fixing for CPP50-150
Wall Fixing for CPP50-150
Model
Part No.
CPP50
F-K50-1
CPP100
F-P100-1
CPP150
F-P150-1
Model
Part No.
CPP50
F-K50-2
CPP100
F-P100-2
CPP150
F-P150-2
DIN Rail Mounting
Model
Part No.
CPP15
F-DIN-1
CPP30
F-DIN-2
CPP50
F-DIN-2


Similar Part No. - CPP150PS48

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CPP12WBL PANDUIT-CPP12WBL Datasheet
142Kb / 1P
   Mini-Com 12-Port Modular Faceplate Patch Panels
More results

Similar Description - CPP150PS48

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
   600W Single Output Economy/Technology Switchers
logo
XP Power Limited
CPC15UT1 XPPOWER-CPC15UT1 Datasheet
963Kb / 4P
   Triple Output Switchers
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
   7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
logo
Recom International Pow...
RACM150-S RECOM-RACM150-S Datasheet
429Kb / 5P
   150 Watt Enclosed Case Style Single Output
RACM150 RECOM-RACM150 Datasheet
360Kb / 4P
   150 Watt Enclosed Case Style Single Output
RACM100-S RECOM-RACM100-S Datasheet
405Kb / 5P
   100 Watt Enclosed Case Style Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com