Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFC125-31 Datasheet(PDF) 1 Page - XP Power Limited

Part # IFC125-31
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IFC125-31 Datasheet(HTML) 1 Page - XP Power Limited

  IFC125-31 Datasheet HTML 1Page - XP Power Limited IFC125-31 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
125 Watts
Small Size - 3.0” x 5.0” x 1.25”
Single, Triple and Quad Outputs
Active PFC - Meets EN61000-3-2, -3
Current Share up to 4 Units
Overvoltage & Overcurrent Protection
Power Good Signal
-25 ˚C to +50 ˚C Full Power
IFC125 Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 0.8 A max at 240 VAC
1.8 A max at 100 VAC
Inrush Current
• 33 A max at 115 VAC
66 A max at 230 VAC
Power Factor
• 0.98 typical
Earth Leakage Current
• 0.5 mA max at 132 VAC/60Hz
0.825 mA max at 264 VAC/50Hz
Input Protection
• Internal 2.6 A fuse
Output
Output Voltage
• See table
Output Voltage Trim
• Not user-adjustable
Initial Set Accuracy
• ±5% maximum
Minimum Load
• 5 W minimum load on V1 or V2 required
to maintain regulation
Start Up Delay
• 1.5 s at 90 VAC
Start Up Rise Time
• 0.2-20 ms
Hold Up Time
• >28 ms min at full load
Line Regulation
• See table
Load Regulation
• See table
Over/Undershoot
• 10% maximum
Transient Response
• 5% max. deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• ±1% pk-pk maximum or
≤5 Vout 50 mV
maximum
Overvoltage Protection • V1 & V2: 113-148%, auto recovery
Overtemperature
• Unit shuts down, recycle input to reset
Protection
Overload Protection
• All outputs: 115-135%, auto recovery
Short Circuit Protection • Trip and restart (Hiccup mode)
Temperature
• 0.04% / ˚C maximum
Coefficient
Remote Sense
• V1 only compensates for 0.5 V drop (not
available on IFC125-31)
Current Share
• Up to 4 supplies to share within 10%
1
xppower.com
General
Efficiency
• 83% typical
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Power Density
• 6.66 W/In3
Signals
• Power Good - On = Logic High
MTBF
• >220 kHrs per Bellcore
Environmental
Operating Temperature • -25 ˚C to +70 ˚C, derate linearly from
100% at +50 ˚C to 50% at +70 ˚C
Cooling
• 5 CFM airflow required for 125 W
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 ˚C to +85 ˚C
Operating Altitude
• 3000 m
Shock
• 15 G pk operating
Vibration
• 2.4 G, 5 Hz to 500 Hz, 3 axis
EMC & Safety
Emissions
• EN55022/CISPR22 and FCC, Class
B conducted
Harmonic Currents
• EN61000-3-2
Voltage Flicker
• EN61000-3-3
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria B
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria B
Surge
• EN61000-4-5, level 3 Perf Criteria B
Conducted Immunity
• EN61000-4-6
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Criteria A, B, B
Safety Approvals
• EN60950, UL 60950, CSA950 per cUL,
CE Mark LVD


Similar Part No. - IFC125-31

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IFC125-31 XPPOWER-IFC125-31 Datasheet
204Kb / 2P
   Triple and Quad Outputs
More results

Similar Description - IFC125-31

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com