Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICH5024S24 Datasheet(PDF) 1 Page - XP Power Limited

Part # ICH5024S24
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ICH5024S24 Datasheet(HTML) 1 Page - XP Power Limited

  ICH5024S24 Datasheet HTML 1Page - XP Power Limited ICH5024S24 Datasheet HTML 2Page - XP Power Limited ICH5024S24 Datasheet HTML 3Page - XP Power Limited ICH5024S24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
50-200 Watts
2:1 & 4:1 Input Ranges
Efficiency up to 90%
Single Output
-40 °C to +100 °C Operating Temperature
Continuous Short Circuit Protection
Five-sided Metal Case
Remote On/Off
ICH/IFH Series
Input
Input Voltage Range
• See tables
Input Current (no load) • See tables
Input Reverse Voltage
• None
Protection
Input Filter
• Pi network
Undervoltage Lockout
• 12 Vin, power up 8.8 V, down 8.0 V
24 Vin, power up 17.0 V, down 16.0 V
48 Vin, power up 34.0 V, down 32.5 V
Output
Output Voltage Trim
• ±10%
Initial Set Accuracy
• ±1% max
Line Regulation
• ±0.2% max measured from high line
to low line
Load Regulation
• ±0.2% max measured from 0-100% load
Transient Response
• 5% max deviation, recovery to within
1% in 500 µs, 25% step load change
Ripple & Noise
• 2.5, 3.3 & 5 V models: 100 mV pk-pk
12 & 15 V models: 150 mV pk-pk
24, 28 & 48 V models: 1% max pk-pk
(20 MHz bandwidth). See note 3
Overvoltage Protection • 115-140%
Short Circuit Protection • Continuous
Temperature
• ±0.03%/°C
Coefficient
Current Limit
• 110-140% nominal output
Remote On/Off
• See note 1 & 2
Thermal Shutdown
• Case temperature +100 °C
xppower.com
General
Efficiency
• See tables
Isolation Voltage
• 1500 VDC Input to Output
1500 VDC Input to Case
1500 VDC Output to Case
Isolation Resistance
•107
Ω min
Switching Frequency
• ICH50/ICH7548W/IFH200: 300 kHz typical
ICH7512/ICH7524: 400 kHz typical
ICH100/ICH150: 500 kHz typical
Environmental
Operating Case
• -40 °C to +100 °C, see derating curve
Temperature
Storage Temperature
• ICH100/150 & IFH200: -40 °C to +105 °C
ICH50/75: -55 °C to +105 °C
EMC & Safety
Emissions
• EN55022, level A conducted
ESD Immunity
• EN61000-4-2, level 2
Perf Criteria B
Radiated Immunity
• EN61000-4-3, 3 V/m
Perf Criteria B
Conducted Immunity
• EN61000-4-6, 3 V rms
Perf Criteria B
Safety Approvals
• UL60950-1


Similar Part No. - ICH5024S24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICH TDK-ICH Datasheet
1Mb / 6P
   300W, 9 to 53V Input Non-Isolated Ruggedized DC-DC Buck-Boost Converters
March 2nd, 2023 V2
logo
Murata Power Solutions ...
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH0130V1xC MURATA-PS-ICH0130V1xC Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH0141V1xC MURATA-PS-ICH0141V1xC Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
More results

Similar Description - ICH5024S24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com