Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT8997 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT8997
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8997 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ACT8997 Datasheet HTML 6Page - Texas Instruments SN74ACT8997 Datasheet HTML 7Page - Texas Instruments SN74ACT8997 Datasheet HTML 8Page - Texas Instruments SN74ACT8997 Datasheet HTML 9Page - Texas Instruments SN74ACT8997 Datasheet HTML 10Page - Texas Instruments SN74ACT8997 Datasheet HTML 11Page - Texas Instruments SN74ACT8997 Datasheet HTML 12Page - Texas Instruments SN74ACT8997 Datasheet HTML 13Page - Texas Instruments SN74ACT8997 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
control register description
The control register (CTLR) is a 10-bit serial register that controls the enable and select functions of the
’ACT8997. A reset operation forces all bits to a low logic level. The contents of the CTLR are latched and
decoded during the Update-DR TAP state. The specific function of each bit is listed in Table 5. The enable and
select functions of the CTLR bits are mapped as follows:
Table 5. Control-Register Bit Mapping
BIT
VALUE
FUNCTION
9
0
Configure counter to count up
9
1
Configure counter to count down
8
0
Do not stop counting when the count reaches 00000000
8
1
Stop counting when the count reaches 00000000 (count down only)
7
0
Configure DCO as an active-low output
7
1
Configure DCO as an active-high output
00
DCO = Inactive (level depends on CTLR bit 7)
65
01
DCO = IRERR
6, 5
10
DCO = CE, an internal logic 0 generated when the count is 00000000 (count down) or 11111111 (count up)
11
DCO = DCI
4
0
Do not mask IRERR from DCO
4
1
Mask IRERR from DCO
3
0
Configure DCO as an open-drain output
3
1
Configure DCO as a 3-state output
2
0
Disable DCO
2
1
Enable DCO
1
0
Configure DCI as an active-low input
1
1
Configure DCI as an active-high input
0
0
Enable DTCK, DTDO(1–4), and DTMS(1–4) [outputs DTDO(1–4) depend on select register (see Table 7)]
0
1
Disable DTCK, DTDO(1–4), and DTMS(1–4)
Bit 9 – Up/Down
This bit sets the count mode of the counter register (reset condition = count up).
Bit 8 – Latch on Zero
The counter register can be configured to stop counting when its value is 00000000 and ignore subsequent
transitions on the counter clock, DCI. The latch-on-zero option is valid only in the count-down mode
(reset condition = do not latch on zero). The value of this bit has no effect on the operation of the counter if
CTLR bit 9 = 0.
Bit 7 – DCO Polarity Select
DCO can be configured as an active-low or active-high output (reset condition = active low).
Bit 6/Bit 5 – DCO Source Select 1/DCO Source Select 0
DCO can be used to output the IRERR signal generated by the ’ACT8997 (see Table 3). Bits 6 and 5 can be
set to output IRERR via DCO on the falling edge of TCK in the Pause-IR state. DCO can also be configured
to become active when the value of the counter is 00000000, to follow DCI, or be set to a static high or low level
(reset condition = static high level).


Similar Part No. - SN74ACT8997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT8990 TI-SN74ACT8990 Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990 TI-SN74ACT8990 Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FN TI-SN74ACT8990FN Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FN TI-SN74ACT8990FN Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FNR TI-SN74ACT8990FNR Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
More results

Similar Description - SN74ACT8997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT8999 TI1-SN54ACT8999 Datasheet
435Kb / 29P
[Old version datasheet]   SCAN-PATH SELECTORS WITH 8-BIT BIDIRECTIONAL DATA BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP MULTIPLEXERS
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74ACT8994 TI-SN74ACT8994 Datasheet
157Kb / 11P
[Old version datasheet]   DIGITAL BUS MONITOR IEEE STD 1149.1 JTAG SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
SN54LVT8996 TI-SN54LVT8996_99 Datasheet
603Kb / 41P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996 Datasheet
717Kb / 44P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986_07 Datasheet
885Kb / 54P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com