Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB4812S Datasheet(PDF) 1 Page - XP Power Limited

Part # IB4812S
Description  DC-DC Power Supplies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IB4812S Datasheet(HTML) 1 Page - XP Power Limited

  IB4812S Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19-Nov-08
Specification
1 Watt
Single & Dual Output
SIP or DIP Package
Industry Standard Pinout
1000 VDC Isolation
Short Circuit Protection
-40 °C to +85 °C Operation
MTBF >2 MHrs
IA/IB Series
Input
Input Voltage Range
• Nominal ±10%
Input Reflected Ripple
• 20 mA rms
Input Reverse Voltage
• None
Protection
Output
Output Voltage
• See table
Minimum Load
• None(7)
Line Regulation
• 1.2%/1%
∆ Vin
Load Regulation
• ±10% 20-100% load change
(3.3 V models ±20%)
Setpoint Accuracy
• ±3%
Ripple & Noise
• 60 mV pk-pk 20 MHz bandwidth
Temperature Coefficient • 0.02%/°C
Short Circuit Protection • 1 s max
Maximum Capacitive
• 100 µF
Load
General
Efficiency
• 75% typical
Isolation Voltage
• 1000 VDC minimum
Isolation Resistance
• 109
Ω
Isolation Capacitance
• 60 pF typical
Switching Frequency
• Variable
MTBF
• >2 MHrs to MIL-STD-217F
Environmental
Operating Temperature • -40 °C to +85 °C
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
Notes
1. Replace ‘S’ in model number with ‘D’ for DIP package.
2. SIP 48 Vin models, dimension is 0.28 (7.20) max.
3. DIP 48 Vin models, dimension is 0.27 (6.88) max.
4. Outputs power-trade.
5. All dimensions in inches (mm).
6. For 48 V models a 10 µF capacitor is required between +Vin and -Vin pins.
7. Operation at no load will not damage unit but it may not meet all specifications.
8. IB Series has no 0V pin. Use -Vout and +Vout pins for output.
xppower.com
Input
Voltage
Output
Voltage
Output
Current
(4)
IA
Model
Number
(1)
Output
Voltage
Output
Current
IB
Model
Number
3.3 VDC
±5.0 V
±100 mA
IA0305S
5 VDC
±3.3 V
±151 mA
IA0503S
3.3 V
303 mA
IB0503S
±5.0 V
±100 mA
IA0505S
5.0 V
200 mA
IB0505S
±9.0 V
±55 mA
IA0509S
9.0 V
111 mA
IB0509S
±12.0 V
±42 mA
IA0512S
12.0 V
84 mA
IB0512S
±15.0 V
±33 mA
IA0515S
15.0 V
66 mA
IB0515S
±24.0 V
±21 mA
IA0524S
24.0 V
42 mA
IB0524S
12 VDC
±3.3 V
±151 mA
IA1203S
3.3 V
303 mA
IB1203S
±5.0 V
±100 mA
IA1205S
5.0 V
200 mA
IB1205S
±9.0 V
±55 mA
IA1209S
9.0 V
111 mA
IB1209S
±12.0 V
±42 mA
IA1212S
12.0 V
84 mA
IB1212S
±15.0 V
±33 mA
IA1215S
15.0 V
66 mA
IB1215S
±24.0 V
±21 mA
IA1224S
24.0 V
42 mA
IB1224S
24 VDC
±3.3 V
±151 mA
IA2403S
3.3 V
303 mA
IB2403S
±5.0 V
±100 mA
IA2405S
5.0 V
200 mA
IB2405S
±9.0 V
±55 mA
IA2409S
9.0 V
111 mA
IB2409S
±12.0 V
±42 mA
IA2412S
12.0 V
84 mA
IB2412S
±15.0 V
±33 mA
IA2415S
15.0 V
66 mA
IB2415S
±24.0 V
±21 mA
IA2424S
24.0 V
42 mA
IB2424S
48 VDC
±3.3 V
±151 mA
IA4803S
3.3 V
303 mA
IB4803S
±5.0 V
±100 mA
IA4805S
5.0 V
200 mA
IB4805S
±9.0 V
±55 mA
IA4809S
9.0 V
111 mA
IB4809S
±12.0 V
±42 mA
IA4812S
12.0 V
84 mA
IB4812S
±15.0 V
±33 mA
IA4815S
15.0 V
66 mA
IB4815S
±24.0 V
±21 mA
IA4824S
24.0V
42 mA
IB4824S
Mechanical Details
0.24 (6.09) max
(2)
0.76
(19.30) max
0.40 (10.16) max
0.80
(20.32) max
0.25 (6.35) max
(3)
0.11
(2.79) min
0.3
(7.62)
0.01
(0.254) max
+Vin
-Vout
0V
+Vout
-Vin
NC
0.3 (7.62)
0.60
(15.24)
0.01
(0.254) max
+Vin
-Vout 0V +Vout
-Vin
0.055 (1.40)
0.18
(4.57)
0.5
(12.70)
SIP Package
DIP Package
0.4 (10.16) max
0.015
(0.38)
0.12
(3.05) min
0.1
(2.54)
0.02
(0.51)
0.02
(0.51)
Available from Farnell. See pages 204-206.


Similar Part No. - IB4812S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB4812S ETC-IB4812S Datasheet
370Kb / 2P
   DC/DC Converters
More results

Similar Description - IB4812S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com