Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IF2405S Datasheet(PDF) 1 Page - XP Power Limited

Part # IF2405S
Description  DC-DC Power Supplies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IF2405S Datasheet(HTML) 1 Page - XP Power Limited

  IF2405S Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
04-Apr-08
12
4
5
6
7
0.28
(7.20)
0.02
(0.50)
0.28 (7.20)
0.37
(9.50)
0.12
(3.05)
0.10 (2.54)
0.02
(0.50)
0.01
(0.25)
SIP
Package
0.08
(2.00)
0.76
(19.50)
0.60
(15.24)
0.39
(10.00)
Specification
1 Watt
Regulated Single Output
Industry Standard Pinout
SIP or DIP Package
Low Ripple & Noise
1000 VDC Isolation
Optional 3000 VDC Isolation
MTBF >4 MHrs
IF Series
Input
Input Voltage Range
• Nominal ±10%
Input Reflected Ripple
• 20 mA pk-pk through 12 µH inductor,
5 Hz to 20 MHz
Input Reverse Voltage
• None
Protection
Output
Output Voltage
• See table
Minimum Load
• None(4)
Line Regulation
• ±0.5% max
Load Regulation
• ±0.5% max (±1.0% for 3.3 V output)
Setpoint Accuracy
• ±2% max
Ripple & Noise
• 50 mV pk-pk max, 20 MHz BW
Temperature Coefficient • 0.02%/°C
Short Circuit Protection • 1 sec
Maximum Capacitive
• 220 µF
Load
General
Efficiency
• See table
Isolation Voltage
• 1000 VDC standard,
3000 VDC option - see note 2
Resistance
• 1000 M
Ω min
Isolation Capacitance
• 60 pF typical
Switching Frequency
• 50 kHz typical
MTBF
• >4 MHrs
Environmental
Operating Temperature • -40 °C to +85 °C (no derating)
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• +100 °C max
Cooling
• Convection-cooled
Notes
1. For DIP package, replace suffix ‘S’ with suffix ‘D’.
2. For 3000 VDC isolation, add suffix ‘-H’.
3. All dimensions in inches (mm).
4. Operation at no load will not damage unit but it may not meet all specifications.
xppower.com
0.40
(10.16 )
14
10
9
8
1
7
11
DIP
Package
0.40
(10.16)
0.27 (6.85)
0.02
(0.50)
0.01
(0.25)
0.30
(7.62)
0.60
(15.24)
0.30
(7.62)
0.12
(3.05)
0.80
(20.32)
Input
Voltage
Output
Voltage
Output
Current
Efficiency
Model
Number(1,2)
5 V
3.3 V
333 mA
57%
IF0503S
5.0 V
200 mA
65%
IF0505S
9.0 V
111 mA
65%
IF0509S
12.0 V
84 mA
68%
IF0512S
15.0 V
67 mA
68%
IF0515S
12 V
3.3 V
333 mA
57%
IF1203S
5.0 V
200 mA
63%
IF1205S
9.0 V
111 mA
66%
IF1209S
12.0 V
84 mA
68%
IF1212S
15.0 V
67 mA
70%
IF1215S
24 V
3.3 V
333 mA
60%
IF2403S
5.0 V
200 mA
65%
IF2405S
9.0 V
111 mA
68%
IF2409S
12.0 V
84 mA
68%
IF2412S
15.0 V
67 mA
68%
IF2415S
Mechanical Details
Pin
Standard
‘-H’ Version
1
+Vin
+Vin
2
-Vin
-Vin
4
-Vout
No Pin
5
No Pin
-Vout
6
+Vout
No Pin
7
No Pin
+Vout
Pin
Standard
‘-H’ Version
1
-Vin
-Vin
7
N.C.
N.C.
8
No Pin
+Vout
9
+Vout
No Pin
10
No Pin
-Vout
11
-Vout
No Pin
14
+Vin
+Vin


Similar Part No. - IF2405S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IF2405S-1W MORNSUN-IF2405S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
IF2405S-1W REICU-IF2405S-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
IF2405S-1WR3 MORNSUN-IF2405S-1WR3 Datasheet
1Mb / 4P
   1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
IF2405S-2W MORNSUN-IF2405S-2W Datasheet
361Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
IF2405S-2W REICU-IF2405S-2W Datasheet
2Mb / 1P
   3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results

Similar Description - IF2405S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com