Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCU1012D15 Datasheet(PDF) 1 Page - XP Power Limited

Part # DCU1012D15
Description  DC-DC PCB Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DCU1012D15 Datasheet(HTML) 1 Page - XP Power Limited

  DCU1012D15 Datasheet HTML 1Page - XP Power Limited DCU1012D15 Datasheet HTML 2Page - XP Power Limited DCU1012D15 Datasheet HTML 3Page - XP Power Limited DCU1012D15 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fully Isolated Outputs
2:1 Input Range
Metal Case
Surface Mount Construction
DIN Rail Mount Option
Screw Terminals Option
Remote ON/OFF Available
Input
Input Voltage
4.5-9.0 VDC, 9-18 VDC,
18-36 VDC, 36-72 VDC
Output
Output Voltage
See Table
Output Voltage
±5% DCU15 & 25 models only
Adjustment
(3 V models 3.20 to 3.47 V)
Minimum Load
No minimum load required
Start Up Delay
20 ms max
Initial Set
+5% -3% max
Accuracy
+5%, DCU 5 V output
Drift
±60 mV max
Line Regulation
0.5% max (0.1% typical)
Load Regulation
1% max single output models
(0.2% typical)
5% max dual output models
(1.0% typical)
Ripple & Noise
40 mV p-p typical, 150 mV max.
(the addition of a 100 µF (220 µF
for 3 & 5 V outputs) capacitor across
output of device reduces ripple to
below 40 mV pk-pk
Overvoltage
DCU15 & 25 models only - operates
Protection
115-140% of output (3 V models
4.0-5.25 V)
Short Circuit &
Operates >105% of rating and
Overload Protection
recovers automatically
Temperature
±0.02%/°C
Coefficient
Remote ON/OFF
DCU15 & 25 models only - link RC
to -ve I/P for operation (or TTL low),
open circuit for shutdown
(or TTL high)
General
Efficiency
67% to 85% dependant on model
Lead Temperature
+260°C for less than 15 seconds
Isolation
500 VAC Input to Output,
500 VAC Input to Ground,
500 VAC Output to Ground
Environmental
Operating
-20 °C to +70 °C
Temperature
See Derating Curve
Storage
-40 °C to +85 °C
Temperature
Shock
50 G for 11 ms,
once on each X, Y & Z axis
Vibration
10 G 10-55 Hz 3 mins period,
60 mins along X, Y & Z axis
EMC & Safety
Emissions
EN55022 Level A Conducted
with external components
EN55022 Level A Radiated
ESD Susceptability
EN61000-4-2 Level 4
Radiated
EN61000-4-3 Level 3
Susceptability
EFT/Burst
EN61000-4-4 Level 3
Surge
EN61000-4-5 Level 3
Safety Approvals
EN60950, UL1950, cUL1950
1-25 Watts
DCU Series
DC-DC PCB Mount
Specification
T HE XP ERTS I N P OWER
www.xpplc.com
sales@xpplc.com


Similar Part No. - DCU1012D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCU-37P ETC2-DCU-37P Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
logo
Japan Aviation Electron...
DCU-37P-F0R JAE-DCU-37P-F0R Datasheet
43Kb / 4P
   D-sub Connector, PCB side connector, Right angle, Socket, 37 pos.
DCU-37PF-F0 JAE-DCU-37PF-F0 Datasheet
217Kb / 1P
   Connector D-Subminiature
logo
List of Unclassifed Man...
DCU0-0509C ETC2-DCU0-0509C Datasheet
329Kb / 2P
   2 Watt DC/DC Converter
DCU0-0509D ETC2-DCU0-0509D Datasheet
329Kb / 2P
   2 Watt DC/DC Converter
More results

Similar Description - DCU1012D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SUCS1R5 ETC2-SUCS1R5 Datasheet
651Kb / 8P
   DC-DC Converters PCB Mount type
MGS152405 ETC2-MGS152405 Datasheet
109Kb / 4P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGFS1R5 COSEL-MGFS1R5 Datasheet
1Mb / 16P
   DC-DC Converters PCB Mount Type
MGS62412 COSEL-MGS62412 Datasheet
6Mb / 46P
   DC-DC Converters PCB Mount Type
December 27, 2022
ZTS1R52405 COSEL-ZTS1R52405 Datasheet
342Kb / 15P
   DC-DC Converters PCB Mount type
October 08, 2013
logo
List of Unclassifed Man...
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
   DC-DC Converters PCB Mount type
SUCS102405C ETC2-SUCS102405C Datasheet
651Kb / 8P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGS15 COSEL-MGS15 Datasheet
3Mb / 28P
   DC-DC Converters PCB Mount Type
January 31, 2022
ZUS62412 COSEL-ZUS62412 Datasheet
466Kb / 12P
   DC-DC Converters PCB Mount type
June 29, 2011
logo
List of Unclassifed Man...
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
   DC-DC Converters PCB Mount type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com