Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZFSC-2-4+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZFSC-2-4+
Description  Power Splitter/Combiner 2 Way-0 50廓 0.2 to 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFSC-2-4+ Datasheet(HTML) 1 Page - Mini-Circuits

  ZFSC-2-4+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U= upper range [f
U/2 to fU]
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 3.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Max.
Typ. Max.
Typ. Max.
Max. Max. Max.
Max. Max. Max.
0.2-1000
20
15
25
20
23
18
0.2 0.8
0.5 1.0
0.9 1.2
2
4
4
0.15
0.15
0.30
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
A
B
C
D
E
F
G
H
1.25
1.25
.75
.63
.38
1.00
.125 1.000
31.75
31.75
19.05
16.00
9.65
25.40
3.18 25.40
J
K
L
M
N
P
Q
wt
--
--
.125
1.688
2.18
.75
.07 grams
--
--
3.18
42.88
55.37
19.05
1.78
70.0
ZFSC-2-4+
2 Way-0°
50Ω
0.2 to 1000 MHz
Power Splitter/Combiner
Coaxial
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.125W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
electrical schematic
REV. B
M108294
ZFSC-2-4+
HY/TD/CP/AM
080623
Features
• wideband, 0.2 to 1000 MHz
• low insertion loss, 0.5 dB typ.
• good isolation, 25 dB typ.
• excellent amplitude unbalance, 0.1 dB typ.
• excellent phase unbalance, 0.5 deg. typ.
• rugged shielded case
Applications
• cellular
• VHF/UHF
• instrumentation
Coaxial Connections
SUM PORT
3
PORT 1
1
PORT 2
2
CASE STYLE: K18
Connectors Model
Price
Qty.
BNC
ZFSC-2-4+
$55.95
(1-9)
SMA
ZFSC-2-4-S+
$60.95
(1-9)
N-TYPE
ZFSC-2-4-N+
$60.95
(1-9)
BRACKET (OPTION "B")
$2.50
(1+)
ZFSC-2-4+
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
0
200
400
600
800
1000
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
ZFSC-2-4+
ISOLATION
20
25
30
35
40
45
50
0
200
400
600
800
1000
FREQUENCY (MHz)
ZFSC-2-4+
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
0
200
400
600
800
1000
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
Electrical Specifications
Frequency
(MHz)
Insertion Loss
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
BNC version shown
For option B with N-type connectors, dimension "C" increases to 0.94 inches.
0.20
3.31
3.30
0.02
24.83
0.10
1.17
1.41
1.39
0.70
3.29
3.24
0.05
30.54
0.20
1.07
1.25
1.23
1.00
3.26
3.24
0.03
31.83
0.36
1.06
1.23
1.21
24.00
3.17
3.26
0.09
35.39
0.03
1.08
1.14
1.13
46.00
3.23
3.32
0.08
35.23
0.09
1.12
1.08
1.10
68.00
3.25
3.33
0.08
34.84
0.18
1.14
1.10
1.10
140.00
3.27
3.31
0.04
32.99
0.27
1.12
1.13
1.14
260.00
3.29
3.29
0.01
29.95
0.36
1.18
1.14
1.16
380.00
3.50
3.45
0.04
28.42
0.25
1.22
1.17
1.18
500.00
3.52
3.45
0.07
27.91
0.21
1.24
1.21
1.20
590.00
3.49
3.40
0.09
28.34
0.17
1.22
1.22
1.21
710.00
3.59
3.46
0.13
30.28
0.34
1.21
1.25
1.22
840.00
3.65
3.47
0.18
30.75
0.49
1.19
1.28
1.22
920.00
3.69
3.49
0.20
27.07
0.65
1.17
1.26
1.21
1000.00
3.82
3.58
0.24
22.95
0.81
1.18
1.27
1.21
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - ZFSC-2-4+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
   Power Splitter/Combiner
ZFSC-2-1++ MINI-ZFSC-2-1+ Datasheet
166Kb / 1P
   Power Splitter/Combiner
ZFSC-2-1-75 MINI-ZFSC-2-1-75 Datasheet
192Kb / 1P
   Power Splitter/Combiner
ZFSC-2-1-75++ MINI-ZFSC-2-1-75+ Datasheet
192Kb / 1P
   Power Splitter/Combiner
ZFSC-2-10G MINI-ZFSC-2-10G Datasheet
199Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 2000 to 10000 MHz
More results

Similar Description - ZFSC-2-4+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
ZAPD-1 MINI-ZAPD-1 Datasheet
161Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 500 to 1000 MHz
ZAPD-2 MINI-ZAPD-2 Datasheet
162Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 1000 to 2000 MHz
ZAPD-50 MINI-ZAPD-50 Datasheet
155Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 4400 to 5000 MHz
ZAPD-1750 MINI-ZAPD-1750 Datasheet
162Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 950 to 1750 MHz
ZC2PD-900 MINI-ZC2PD-900 Datasheet
203Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 800 to 900 MHz
ZFSC-2-1W MINI-ZFSC-2-1W Datasheet
101Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 1 to 750 MHz
ZAPD-20 MINI-ZAPD-20 Datasheet
165Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZSC-2-2 MINI-ZSC-2-2 Datasheet
222Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 0.002 to 60 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com