Electronic Components Datasheet Search |
|
ZFSC-2-6+ Datasheet(PDF) 1 Page - Mini-Circuits |
|
ZFSC-2-6+ Datasheet(HTML) 1 Page - Mini-Circuits |
|
1 / 1 page L = low range [f L to 10 fL] M = mid range [10 f L to fU/2] U= upper range [f U/2 to fU] ** Isolation specified to 0.006 MHz FREQ. RANGE (MHz) ISOLATION** (dB) INSERTION LOSS (dB) ABOVE 3.0 dB PHASE UNBALANCE (Degrees) AMPLITUDE UNBALANCE (dB) f L-fU L M U L M U L M U L M U Typ. Min. Typ. Min. Typ. Min. Typ. Max. Typ. Max. Typ. Max. Max. Max. Max. Max. Max. Max. 0.002-60 27 20 30 20 27 20 0.3 0.6 0.3 0.6 0.6 1.0 2 3 4 0.15 0.20 0.30 For option B with N-type connectors, dimension "C" increases to 0.94 inches. ISO 9001 ISO 14001 AS 9100 CERTIFIED Mini-Circuits® P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com minicircuits.com TM IF/RF MICROWAVE COMPONENTS A B C D E F G H 1.25 1.25 .75 .63 .38 1.00 .125 1.000 31.75 31.75 19.05 16.00 9.65 25.40 3.18 25.40 J K L M N P Q wt -- -- .125 1.688 2.18 .75 .07 grams -- -- 3.18 42.88 55.37 19.05 1.78 70.0 ZFSC-2-6+ ZFSC-2-6 2 Way-0° 50Ω 0.002 to 60 MHz Power Splitter/Combiner Coaxial Typical Performance Data Maximum Ratings Operating Temperature -55°C to 100°C Storage Temperature -55°C to 100°C Power Input (as a splitter) 1W max.* Internal Dissipation 0.125W max. Outline Drawing Outline Dimensions ( ) inch mm electrical schematic REV. B M120055 ZFSC-2-6 HY/TD/CP/AM 090112 Features • low insertion loss, 0.3 dB typ. • excellent isolation, 30 dB typ. • excellent amplitude unbalance, 0.1 dB typ. • excellent phase unbalance, 0.2 deg. typ. • rugged shielded case Applications • HF • ham radio • defense communications Coaxial Connections SUM PORT 3 PORT 1 1 PORT 2 2 CASE STYLE: K18 Connectors Model Price Qty. BNC ZFSC-2-6(+) $49.95 (1-9) SMA ZFSC-2-6-S+ $54.95 (1-9) N-TYPE ZFSC-2-6-N(+) $54.95 (1-9) BRACKET (OPTION "B") $2.50 (1+) ZFSC-2-6 INSERTION LOSS 3.0 3.2 3.4 3.6 3.8 4.0 0 10 20 30 40 50 60 FREQUENCY (MHz) S-1(dB) S-2(dB) ZFSC-2-6 ISOLATION 20 30 40 50 0 10 20 30 40 50 60 FREQUENCY (MHz) ZFSC-2-6 VSWR 1.00 1.05 1.10 1.15 1.20 1.25 1.30 0 10 20 30 40 50 60 FREQUENCY (MHz) #S-VSWR #1-VSWR #2-VSWR Electrical Specifications Frequency (MHz) Insertion Loss (dB) Amplitude Unbalance (dB) Isolation (dB) Phase Unbalance (deg.) VSWR S VSWR 1 VSWR 2 S-1 S-2 BNC version shown * At low range frequency band (f L to 10 fL), linearly derate maximum input power by 13 dB typ. 0.002 3.16 3.17 0.00 30.24 0.10 1.14 1.20 1.20 0.02 3.10 3.10 0.00 37.52 0.05 1.10 1.04 1.04 0.51 3.11 3.11 0.00 37.86 0.06 1.10 1.03 1.03 2.00 3.13 3.13 0.00 37.35 0.06 1.10 1.03 1.03 5.00 3.18 3.18 0.00 35.22 0.06 1.12 1.02 1.02 8.00 3.22 3.22 0.00 33.04 0.05 1.13 1.01 1.01 11.00 3.25 3.25 0.00 31.28 0.05 1.14 1.01 1.01 15.00 3.29 3.29 0.00 29.45 0.05 1.15 1.01 1.01 19.00 3.33 3.33 0.00 28.06 0.04 1.16 1.02 1.02 26.00 3.38 3.38 0.00 26.35 0.04 1.16 1.05 1.05 36.00 3.46 3.46 0.01 24.95 0.06 1.16 1.09 1.09 42.00 3.52 3.50 0.01 24.54 0.08 1.15 1.11 1.12 48.00 3.57 3.55 0.02 24.37 0.12 1.13 1.15 1.15 54.00 3.63 3.61 0.02 24.36 0.16 1.12 1.18 1.19 60.00 3.70 3.66 0.03 24.35 0.22 1.12 1.22 1.23 + RoHS compliant in accordance with EU Directive (2002/95/EC) The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications. |
Similar Part No. - ZFSC-2-6+ |
|
Similar Description - ZFSC-2-6+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |