Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH4824S Datasheet(PDF) 1 Page - XP Power Limited

Part # IH4824S
Description  DC-DC Power Supplies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IH4824S Datasheet(HTML) 1 Page - XP Power Limited

  IH4824S Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19-Nov-08
Specification
2 Watts
Dual Output
SIP or DIP Package
Industry Standard Pinout
1000 VDC Isolation
Optional 3000-6000 VDC Isolation
Short Circuit Protection
-40 °C to +85 °C Operation
IH Series
Input
Input Voltage Range
• Nominal ±10%
Input Current (no load) • See table
Input Reflected Ripple
• 20 mA rms
Input Reverse Voltage
• None
Protection
Output
Output Voltage
• See table
Minimum Load
• None(6)
Line Regulation
• 1.2%/1%
∆ Vin
Load Regulation
• ±10% 20-100% load change
(3.3 V models ±20%)
Setpoint Accuracy
• ±5%
Ripple & Noise
• 60 mV pk-pk
Temperature Coefficient • 0.02%/°C
Short Circuit Protection • 1 s max
Maximum Capacitive
• 470 µF
Load
General
Efficiency
• See table
Isolation Voltage
• 1000VDC (for higher isolation
options - see note 2)
Isolation Capacitance
• 60 pF typical
Switching Frequency
• Variable
MTBF
• >1 MHrs
Environmental
Operating Temperature • -40 °C to +85 °C
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
Notes
1. For DIP package, replace ‘S’ with ‘D’ in model number.
2. Add suffix ‘-H’ to model number for 3000 VDC isolation. For higher VDC
isolation, add suffix ‘-Hx’ to model number where x=4 for 4000 VDC isolation,
x=5 for 5200 VDC isolation and x=6 for 6000 VDC isolation.
3. Outputs will power-trade.
4. 0.31” (9.65 mm) for all ‘-Hx’ versions.
5. All dimensions in inches (mm).
6. Operation at no load will not damage unit but it may not meet all specifications.
xppower.com
Input
Voltage
No Load
Input Current
Output
Voltage
Output
Current
(3)
Efficiency
Model
Number
(1,2)
5 VDC
30 mA
±3.3 V
±200 mA
65%
IH0503S
30 mA
±5.0 V
±200 mA
72%
IH0505S
30 mA
±9.0 V
±111 mA
77%
IH0509S
30 mA
±12.0 V
±84 mA
78%
IH0512S
30 mA
±15.0 V
±66 mA
80%
IH0515S
30 mA
±24.0 V
±42 mA
80%
IH0524S
12 VDC
20 mA
±3.3 V
±200 mA
67%
IH1203S
20 mA
±5.0 V
±200 mA
75%
IH1205S
20 mA
±9.0 V
±111 mA
77%
IH1209S
20 mA
±12.0 V
±84 mA
82%
IH1212S
20 mA
±15.0 V
±66 mA
82%
IH1215S
20 mA
±24.0 V
±42 mA
82%
IH1224S
24 VDC
10 mA
±3.3 V
±200 mA
68%
IH2403S
10 mA
±5.0 V
±200 mA
75%
IH2405S
10 mA
±9.0 V
±111 mA
80%
IH2409S
10 mA
±12.0 V
±84 mA
82%
IH2412S
10 mA
±15.0 V
±66 mA
82%
IH2415S
10 mA
±24.0 V
±42 mA
82%
IH2424S
48 VDC
6 mA
±3.3 V
±200 mA
60%
IH4803S
6 mA
±5.0 V
±200 mA
73%
IH4805S
6 mA
±9.0 V
±111 mA
77%
IH4809S
6 mA
±12.0 V
±84 mA
80%
IH4812S
6 mA
±15.0 V
±66 mA
80%
IH4815S
6 mA
±24.0 V
±42 mA
80%
IH4824S
Mechanical Details
+Vin
+Vin
-Vout
-Vout
0V
0V
+Vout
+Vout
-Vin
-Vin
NC
0.78 (19.81)
max
0.50
(12.7)
0.09
(2.29)
0.30 (7.62)
max
0.40
(10.16) max
0.12
(3.05) min
0.10 (2.54)
0.015
(0.38)
0.01
(0.25) max
+Vin
-Vout 0V +Vout
-Vin
0.60
(15.24)
+Vin
-Vout 0V +Vout
-Vin
NC
SIP Package
DIP Package
1000 V Versions
3000 V Versions
0.78 (19.81)
max
0.30 (7.62)
max
0.09
(2.29)
0.01
(0.25) max
0.80 (20.32)
max
0.40
(10.16) max
0.40
(10.16) max
0.60
(15.24)
0.30
(7.62)
0.01 (0.25)
0.28 (7.11)
(4)
max
0.10 (2.54)
max
0.01 (0.25)
0.60
(15.24)
0.30
(7.62)
0.80 (20.32)
max
Available from Farnell, see pages 204-206.


Similar Part No. - IH4824S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IH4824S ETC2-IH4824S Datasheet
117Kb / 1P
   2 Watts IH Series
logo
XP Power Limited
IH4824S XPPOWER-IH4824S Datasheet
95Kb / 1P
   Optional 3000-6000 VDC isolation
IH4824S XPPOWER-IH4824S Datasheet
95Kb / 1P
   Dual Output
IH4824S XPPOWER-IH4824S Datasheet
95Kb / 1P
   Dual Output
More results

Similar Description - IH4824S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com