Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCU2548D15 Datasheet(PDF) 4 Page - XP Power Limited

Part # DCU2548D15
Description  DC-DC PCB Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DCU2548D15 Datasheet(HTML) 4 Page - XP Power Limited

  DCU2548D15 Datasheet HTML 1Page - XP Power Limited DCU2548D15 Datasheet HTML 2Page - XP Power Limited DCU2548D15 Datasheet HTML 3Page - XP Power Limited DCU2548D15 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.xpplc.com
sales@xpplc.com
*Not fitted on single output models
DCU10
Weight 40g
DCU25
DCU15
*COM
Weight 55g
Weight 65g
Mechanical Details - 10 to 25 Watt Models
*Not fitted on single output models.
*Tolerance: ±0.5
N.B. Link RC to -ve I/P for operation (or TTL Low), O/C for shutdown (or TTL High)
*Dimensions in mm.
*Not fitted on single output models.
*Tolerance: ±0.5
N.B. Link RC to -ve I/P for operation (or TTL Low), O/C for shutdown (or TTL High)
*Dimensions in mm.
❅ Recommended size for
processing PWB
❅ Recommended size for
processing PWB
❅ Recommended size for
processing PWB
Rev 3.0


Similar Part No. - DCU2548D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCU2-0509E ETC2-DCU2-0509E Datasheet
329Kb / 2P
   2 Watt DC/DC Converter
DCU2-1209E ETC2-DCU2-1209E Datasheet
329Kb / 2P
   2 Watt DC/DC Converter
More results

Similar Description - DCU2548D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SUCS1R5 ETC2-SUCS1R5 Datasheet
651Kb / 8P
   DC-DC Converters PCB Mount type
MGS152405 ETC2-MGS152405 Datasheet
109Kb / 4P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGFS1R5 COSEL-MGFS1R5 Datasheet
1Mb / 16P
   DC-DC Converters PCB Mount Type
MGS62412 COSEL-MGS62412 Datasheet
6Mb / 46P
   DC-DC Converters PCB Mount Type
December 27, 2022
ZTS1R52405 COSEL-ZTS1R52405 Datasheet
342Kb / 15P
   DC-DC Converters PCB Mount type
October 08, 2013
logo
List of Unclassifed Man...
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
   DC-DC Converters PCB Mount type
SUCS102405C ETC2-SUCS102405C Datasheet
651Kb / 8P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGS15 COSEL-MGS15 Datasheet
3Mb / 28P
   DC-DC Converters PCB Mount Type
January 31, 2022
ZUS62412 COSEL-ZUS62412 Datasheet
466Kb / 12P
   DC-DC Converters PCB Mount type
June 29, 2011
logo
List of Unclassifed Man...
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
   DC-DC Converters PCB Mount type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com