Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW1224SA Datasheet(PDF) 2 Page - XP Power Limited

Part # IW1224SA
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IW1224SA Datasheet(HTML) 2 Page - XP Power Limited

  IW1224SA Datasheet HTML 1Page - XP Power Limited IW1224SA Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.92
(23.40)
0.55
(14.00)
0.12
(3.05)
0.40
(10.16)
DIA.
0.02
(0.50)
0.70
(17.78)
0.11
(2.81)
0.08
(1.92)
0.42
(10.60)
0.08
(1.92)
0.10
(2.54)
0.20
(5.08)
0.02
(0.50)
0.02
(0.50)
1
2
6
8
16 15
11
9
Bottom View
0.92
(23.40)
0.55
(14.00)
0.12
(3.05)
0.40
(10.16)
DIA.
0.02
(0.50)
0.02
(0.50)
0.02
(0.50)
0.20
(5.08)
0.10
(2.54)
0.08
(1.92)
0.40
(10.16)
0.08
(1.92)
0.11
(2.81)
0.70
(17.78)
1 2
6
8
Bottom View
16 15
11
9
DIP Package - Non-conductive Plastic Case
DIP Package - Nickel Coated Copper Case
07-Apr-08
Input Voltage
No Load Input
Current
Full Load Input
Current
Output Voltage
Output Current
Efficiency
Max Capactive load
Model Number
(1-6)
Single Output
Dual Output
4.5-9.0 V
15 mA
298 mA
3.3 V
303 mA
67%
3300 µF
±1000 µF
IW0503SA
15 mA
298 mA
5.0 V
200 mA
67%
3300 µF
±1000 µF
IW0505SA
40 mA
285 mA
9.0 V
111 mA
70%
470 µF
±220 µF
IW0509SA
55 mA
285 mA
12.0 V
83 mA
70%
470 µF
±220 µF
IW0512SA
55 mA
285 mA
15.0 V
67 mA
70%
470 µF
±220 µF
IW0515SA
70 mA
294 mA
24.0 V
42 mA
68%
220 µF
±100 µF
IW0524SA
9.0-18.0 V
15 mA
119 mA
3.3 V
303 mA
70%
3300 µF
±1000 µF
IW1203SA
15 mA
115 mA
5.0 V
200 mA
72%
3300 µF
±1000 µF
IW1205SA
15 mA
115 mA
9.0 V
111 mA
77%
470 µF
±220 µF
IW1209SA
15 mA
108 mA
12.0 V
83 mA
77%
470 µF
±220 µF
IW1212SA
15 mA
108 mA
15.0 V
67 mA
77%
470 µF
±220 µF
IW1215SA
15 mA
114 mA
24.0 V
42 mA
73%
220 µF
±100 µF
IW1224SA
18.0-36.0 V
8 mA
59 mA
3.3 V
303 mA
70%
3300 µF
±1000 µF
IW2403SA
8 mA
57 mA
5.0 V
200 mA
72%
3300 µF
±1000 µF
IW2405SA
8 mA
55 mA
9.0 V
111 mA
75%
470 µF
±220 µF
IW2409SA
8 mA
55 mA
12.0 V
83 mA
75%
470 µF
±220 µF
IW2412SA
8 mA
55 mA
15.0 V
67 mA
75%
470 µF
±220 µF
IW2415SA
8 mA
55 mA
24.0 V
42 mA
75%
220 µF
±100 µF
IW2424SA
36.0-72.0 V
6 mA
31 mA
3.3 V
303 mA
66%
3300 µF
±1000 µF
IW4803SA
6 mA
30 mA
5.0 V
200 mA
68%
3300 µF
±1000 µF
IW4805SA
6 mA
29 mA
9.0 V
111 mA
70%
470 µF
±220 µF
IW4809SA
6 mA
29 mA
12.0 V
83 mA
70%
470 µF
±220 µF
IW4812SA
6 mA
29 mA
15.0 V
67 mA
70%
470 µF
±220 µF
IW4815SA
6 mA
30 mA
24.0 V
42 mA
68%
220 µF
±100 µF
IW4824SA
Mechanical Details
0.86
(21.85)
0.44
(11.10)
0.02
(0.50)
0.10
(2.54)
0.70
(17.78)
0.12
(3.05)
0.44
(11.10)
0.36
(9.20)
0.36
(9.20)
0.14
(3.50)
0.02
(0.50)
0.01
(0.25)
1
2
3
5
67 8
0.86
(21.85)
0.42
(10.60)
0.02
(0.50) 0.10
(2.54)
0.12
(3.05)
0.70
(17.78)
0.36
(9.20)
0.44
(11.10)
Printed Face
0.01
(0.25)
0.02
(0.50)
0.36
(9.20)
0.14
(3.50)
1 2
3
56
7 8
Bottom View
PIN CONNECTIONS
Pin
Single
Dual
1
-V Input
-V Input
2
+V Input
+V Input
3
Opt. ROF*
Opt. ROF**
5
N.P. / N.C.
N.C.
6
+V Output
+V Output
7
-V Output
-V Output
8
NC
Common
PIN CONNECTIONS
Pin
Single
Dual
1
-V Input
-V Input
2
-V Input
-V Input
6
NC
Common
8
NC
-V Output
9
+V Output
+V Output
11
-V Output
Common
15
+V Input
+V Input
16
+V Input
+V Input
Dimensions are in inches (mm)
Weight: Plastic case = 4.5 g
Metal case = 6.5 g
Dimensions are in inches (mm)
Weight: Plastic case = 6.0 g
Metal case = 8.0 g
SIP Package - Non-conductive Plastic Case
SIP Package - Nickel Coated Copper Case
*When optional ROF is present pin 5 is No
Connection. When not present pin 3 & 5
are No Pin.
**When optional ROF is present pin 5 is No
Connection. When not present pin 3 & 5
are No Connection.
IW
Models and Ratings
Notes
1. For dual inline package replace ‘S’ in model number with ‘D’.
2. For optional 3 kV isolation add suffix ‘-H’ to the model number.
3. For dual output delete suffix ‘A’ & split output currents equally between rails.
4. For optional Remote On/Off on SIP models, add suffix ‘-R’ to model number.
5. For optional metal case, add suffix ‘-M’ to model number.
6. Output capacitor of 100 µF required to meet quoted ripple & noise.
7. Minimum load of 25% required to meet quoted specifications.


Similar Part No. - IW1224SA

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
IW100 HUBBELL-IW100 Datasheet
220Kb / 1P
   Xcelerator Jack Icon, XJ and HJ Series
IW100C HUBBELL-IW100C Datasheet
222Kb / 1P
   Xcelerator Jack Icon, XJ and HJ Series
IW100T HUBBELL-IW100T Datasheet
223Kb / 1P
   Xcelerator Jack Icon, XJ and HJ Series
logo
Dialog Semiconductor
IW1600 DIALOG-IW1600 Datasheet
386Kb / 5P
   Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
logo
Renesas Technology Corp
IW1600 RENESAS-IW1600 Datasheet
480Kb / 6P
   Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
10-Feb-2022
More results

Similar Description - IW1224SA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com