Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IU4805SA Datasheet(PDF) 2 Page - XP Power Limited

Part # IU4805SA
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IU4805SA Datasheet(HTML) 2 Page - XP Power Limited

  IU4805SA Datasheet HTML 1Page - XP Power Limited IU4805SA Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
07-Apr-08
Input Voltage
No Load Input
Current
Full Load Input
Current
Output Voltage
Output Current
Efficiency
Max Capactive load
Model
Number
(1,2,3,4,5)
Single Output
Dual Output
4.5-9.0 V
15 mA
492 mA
3.3 V
500 mA
67%
3300 µF
±1000 µF
IU0503SA
15 mA
571 mA
5.0 V
400 mA
70%
3300 µF
±1000 µF
IU0505SA
30 mA
555 mA
9.0 V
222 mA
72%
470 µF
±220 µF
IU0509SA
30 mA
555 mA
12.0 V
167 mA
72%
470 µF
±220 µF
IU0512SA
30 mA
547 mA
15.0 V
133 mA
73%
470 µF
±220 µF
IU0515SA
60 mA
533 mA
24.0 V
83 mA
75%
220 µF
±100 µF
IU0524SA
9.0-18.0 V
15 mA
205 mA
3.3 V
500 mA
67%
3300 µF
±1000 µF
IU1203SA
15 mA
216 mA
5.0 V
400 mA
77%
3300 µF
±1000 µF
IU1205SA
15 mA
213 mA
9.0 V
222 mA
78%
470 µF
±220 µF
IU1209SA
15 mA
208 mA
12.0 V
167 mA
80%
470 µF
±220 µF
IU1212SA
15 mA
213 mA
15.0 V
133 mA
78%
470 µF
±220 µF
IU1215SA
15 mA
208 mA
24.0 V
83 mA
80%
220 µF
±100 µF
IU1224SA
18.0-36.0 V
8 mA
98 mA
3.3 V
500 mA
70%
3300 µF
±1000 µF
IU2403SA
8 mA
108 mA
5.0 V
400 mA
77%
3300 µF
±1000 µF
IU2405SA
8 mA
104 mA
9.0 V
222 mA
80%
470 µF
±220 µF
IU2409SA
8 mA
104 mA
12.0 V
167 mA
80%
470 µF
±220 µF
IU2412SA
8 mA
104 mA
15.0 V
133 mA
80%
470 µF
±220 µF
IU2415SA
8 mA
104 mA
24.0 V
83 mA
80%
220 µF
±100 µF
IU2424SA
36.0-72.0 V
6 mA
48 mA
3.3 V
500 mA
71%
3300 µF
±1000 µF
IU4803SA
6 mA
56 mA
5.0 V
400 mA
74%
3300 µF
±1000 µF
IU4805SA
6 mA
53 mA
9.0 V
222 mA
78%
470 µF
±220 µF
IU4809SA
6 mA
53 mA
12.0 V
167 mA
78%
470 µF
±220 µF
IU4812SA
6 mA
53 mA
15.0 V
133 mA
78%
470 µF
±220 µF
IU4815SA
6 mA
52 mA
24.0 V
83 mA
80%
220 µF
±100 µF
IU4824SA
Mechanical Details
0.92
(23.40)
0.55
(14.00)
0.12
(3.05)
0.40
(10.16)
DIA.
0.02
(0.50)
0.02
(0.50)
0.02
(0.50)
0.20
(5.08)
0.10
(2.54)
0.08
(1.92)
0.40
(10.16)
0.08
(1.92)
0.11
(2.81)
0.70
(17.78)
1 2
6
8
Bottom View
16 15
11
9
0.92
(23.40)
0.55
(14.00)
0.12
(3.05)
0.40
(10.16)
DIA.
0.02
(0.50)
0.02
(0.50)
0.02
(0.50)
0.20
(5.08)
0.10
(2.54)
0.08
(1.92)
0.40
(10.16)
0.08
(1.92)
0.11
(2.81)
0.70
(17.78)
1 2
6
8
Bottom View
16 15
11
9
0.86
(21.85)
0.42
(10.60)
0.02
(0.50)
0.10
(2.54)
0.12
(3.05)
0.60
(15.24)
0.02
(0.50)
0.01
(0.25)
0.36
(9.20)
0.14
(3.50)
1 2
3
56
7 8
0.36
(9.20)
0.44
(11.10)
Printed Face
Bottom View
0.86
(21.85)
0.42
(10.60)
0.02
(0.50) 0.10
(2.54)
0.12
(3.05)
0.70
(17.78)
0.36
(9.20)
0.44
(11.10)
Printed Face
0.01
(0.25)
0.02
(0.50)
0.36
(9.20)
0.14
(3.50)
1 2
3
56
7 8
Bottom View
PIN CONNECTIONS
Pin
Single
Dual
1
-V Input
-V Input
2
+V Input
+V Input
3
Opt. ROF*
Opt. ROF**
5
N.P. / N.C.
N.C.
6
+V Output
+V Output
7
-V Output
-V Output
8
NC
Common
PIN CONNECTIONS
Pin
Single
Dual
1
-V Input
-V Input
2
-V Input
-V Input
6
NC
Common
8
NC
-V Output
9
+V Output
+V Output
11
-V Output
Common
15
+V Input
+V Input
16
+V Input
+V Input
Dimensions are in inches (mm)
Weight: Plastic case = 4.5 g
Metal case = 6.5 g
Dimensions are in inches (mm)
Weight: Plastic case = 6.0 g
Metal case = 8.0 g
SIP Package - Non-conductive Plastic Case
DIP Package - Non-conductive Plastic Case
SIP Package - Nickel Coated Copper Case
DIP Package - Nickel Coated Copper Case
*When optional ROF is present pin 5 is No
Connection. When not present pin 3 & 5
are No Pin.
**When optional ROF is present pin 5 is No
Connection. When not present pin 3 & 5
are No Connection.
IU
Models and Ratings
Notes
1. For dual inline package replace ‘S’ in model number with ‘D’.
2. For optional 3 kV isolation add suffix ‘-H’ to the model number.
3. For dual output delete suffix ‘A’ & split output currents equally between rails.
4. For optional Remote On/Off on SIP models, add suffix ‘-R’ to model number.
5. For optional metal case, add suffix ‘-M’ to model number.
6. Output capacitor of 100 µF required to meet quoted ripple & noise.
7. Minimum load of 25% required to meet quoted specifications.


Similar Description - IU4805SA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com