Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAZ10-12S1V8 Datasheet(PDF) 3 Page - XP Power Limited

Part # JAZ10-12S1V8
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JAZ10-12S1V8 Datasheet(HTML) 3 Page - XP Power Limited

  JAZ10-12S1V8 Datasheet HTML 1Page - XP Power Limited JAZ10-12S1V8 Datasheet HTML 2Page - XP Power Limited JAZ10-12S1V8 Datasheet HTML 3Page - XP Power Limited JAZ10-12S1V8 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
12
3
4
5
6
7
8
9 10 11
LAYOUT PATTERN
TOP VIEW
2.00
(50.80)
0.50
(12.70)
0.33
(8.30)
max
0.23
(5.80)
0.05
(1.30)
0.10
(2.54)
1.00
(25.40)
0.40
(10.20)
0.13
(3.52)
0.03
(0.64)
0.33
(8.40)
0.29
(7.4)
0.04 (1.10) PLATED THROUGH HOLE
0.06 (1.60) PAD SIZE
0.28
(7.10)
0.25
(0.64)
3
JAZ10/15/16
Models and Ratings
Output Configuration Table
Input
Voltage
Output
Voltage
Output
Current
Input Current
Efficiency
Model
Number(1,2,4)
No Load
Full Load
3.0 - 5.5 VDC
1.00 V
10 A
50 mA
2353 mA
85%
JAZ10-05S1V0
1.20 V
10 A
50 mA
2791 mA
86%
JAZ10-05S1V2
1.50 V
10 A
50 mA
3409 mA
88%
JAZ10-05S1V5
1.80 V
10 A
50 mA
4000 mA
90%
JAZ10-05S1V8
2.00 V
10 A
60 mA
4396 mA
91%
JAZ10-05S2V0
2.50 V
10 A
60 mA
5376 mA
93%
JAZ10-05S2V5
3.30 V
10 A
60 mA
6947 mA
95%
JAZ10-05S3V3
8.3 - 14.0 VDC
0.75 - 5.00 V
10 A
70 mA
3000 mA
93% at 3.3 V
JAZ10-12S05T(3)
9.0 - 14.0 VDC
1.0 V
10 A
50 mA
992 mA
84%
JAZ10-12S1V0
1.2 V
10 A
50 mA
1160 mA
86%
JAZ10-12S1V2
1.5 V
10 A
50 mA
1400 mA
89%
JAZ10-12S1V5
1.8 V
10 A
50 mA
1670 mA
90%
JAZ10-12S1V8
2.5 V
10 A
50 mA
2260 mA
92%
JAZ10-12S2V5
3.3 V
10 A
70 mA
2960 mA
93%
JAZ10-12S3V3
5.0 V
10 A
70 mA
4390 mA
95%
JAZ10-12S05
3.0 - 5.5 VDC
0.9 - 2.5 V
15 A
70 mA
8152 mA
92% at 2.5 V
JAZ15-05S3V3(3)
4.5 - 5.5 VDC
3.3 V
15 A
70 mA
10532 mA
94% at 3.3 V
9.0 - 14.0 VDC
0.75 - 5.00 V
16 A
75 mA
4783 mA
92% at 3.3 V
JAZ16-12S05(3)
Notes
1. Add suffix ‘S’ for SMT versions.
2. The undervoltage lockout protection for the JAZ10-12S05T is turn on > 8.0 V
and turn off <7.9 V.
3. See Output Configuration Table below for values of trim resistors for specific
output voltages.
4. For negative logic remote turn on/off add suffix ‘-L’ to part number.
1.30
(33.0)
COM
+VO
TRIM
+SENSE
ON/OFF
VIN
PAD SIZE
MIN: 0.140 x 0.095 (3.56 x 2.41)
MAX: 0.165 x 0.110 (4.19 x 2.79)
Surface Mount Contact
0.31
(7.9)
0.43
(10.9)
0.063
(1.60)
0.112
(2.84)
0.048
(1.2)
0.41
(10.3)
0.53
(13.5)
0.065
(1.7)
0.075
(1.9)
0.19
(4.8)
0.19
(4.8)
0.19
(4.8)
0.30
(7.5)
0.37
(9.3) max
1.18
(29.9)
COM
+VO
TRIM
+SENSE
ON/OFF
VIN
Surface Mount Contact
0.31
(7.9)
0.43
(10.9)
0.41
(10.3)
0.19
(4.8)
0.19
(4.8)
0.19
(4.8)
0.30
(7.5)
0.025
(0.64)
Mechanical Details
All dimensions are in inches (mm)
Tolerances: x.xx = ±0.02 (±0.50) unless otherwise stated, x.xxx = ±0.01 (±0.25)
PIN CONNECTIONS
Pin
123456789
10
11
Function
+ Output
+ Output
+ Sense
+ Output
Common
Common
+ V input
+ V input
No pin
Trim
On/Off Control
Standard Version
SMT Version
Output
Voltage
JAZ05-12S05
R Trim (kOhm)
JAZ10-12S05T
R Trim (kOhm)
JAZ15-05S3V3
R Trim (kOhm)
JAZ16-12S05
R Trim (kOhm)
0.75 V
Open
Open
Open
0.90 V
135.36
1.20 V
22.33
22.30
41.70
22.30
1.50 V
13.00
13.00
23.00
13.00
1.80 V
9.00
9.00
15.00
9.00
2.00 V
7.40
2.50 V
5.00
5.00
7.00
5.00
3.30 V
3.12
3.12
3.20
3.12
5.00 V
1.47
1.47
1.47


Similar Part No. - JAZ10-12S1V8

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
JAZ-15P-3 JST-JAZ-15P-3 Datasheet
2Mb / 24P
   Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JAZ-15S-3 JST-JAZ-15S-3 Datasheet
2Mb / 24P
   Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JAZ-15S-90-3 JST-JAZ-15S-90-3 Datasheet
2Mb / 24P
   Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
logo
List of Unclassifed Man...
JAZZ700W ETC2-JAZZ700W Datasheet
475Kb / 2P
   The model 700W pure sinewave inverter supplies a 230VAC output voltage either from a 12V, 24V, or 48 VDC power source.
More results

Similar Description - JAZ10-12S1V8

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com