Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUS15-120-NHARVC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # EUS15-120-NHARVC
Description  BUS CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

EUS15-120-NHARVC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  EUS15-120-NHARVC Datasheet HTML 1Page - Murata Power Solutions Inc. EUS15-120-NHARVC Datasheet HTML 2Page - Murata Power Solutions Inc. EUS15-120-NHARVC Datasheet HTML 3Page - Murata Power Solutions Inc. EUS15-120-NHARVC Datasheet HTML 4Page - Murata Power Solutions Inc. EUS15-120-NHARVC Datasheet HTML 5Page - Murata Power Solutions Inc. EUS15-120-NHARVC Datasheet HTML 6Page - Murata Power Solutions Inc. EUS15-120-NHARVC Datasheet HTML 7Page - Murata Power Solutions Inc. EUS15-120-NHARVC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Technical enquiries email: sales@murata-ps.com, tel: +508 339 3000
1
Features:
48 Vin, Isolated, 4:1 Fixed Conversion Ratio
220 Watt Nominal Output (at 48 Vin, 55 C, 200 LFM)
170 Watt Output (at 38 Vin, 55 C, 200 LFM)
Industry Standard 1/8 Brick Footprint
Remote Enable (Primary Side, Positive or Negative)
Over-temperature and Over Current Protection
Direct Parallel Operation for Higher Power Applications
RoHS Compliant
Table 1
Input Characteristics
Notes & Conditions (1)
Min
Typ.
Max
Units
Input Voltage Operating Range
36
48
55
Vdc
Input Voltage Absolute Maximum
60
Vdc
Turn-on Threshold
36
37.5
Vdc
Turn-off Threshold
34
35.5
Vdc
Input Undervoltage Lockout
Hysteresis Voltage
2
Vdc
Turn-on Threshold
56
58
Vdc
Turn-off Threshold
55
57
Vdc
Input Overvoltage Lockout
Hysteresis Voltage
2
Vdc
Maximum Input Current
Steady-State (23 A out)
5.5
Adc
No-Load Input Current
Enabled state, on load (48 Vin)
80
mA
Disabled Input Current
Disabled state (48 Vin)
6
mA
Input Reflected Ripple Current
50
mA p-p
Inrush Current Transient
0.2
A
2s
Enable – Negative Logic Version
Internal 10 K pull-up to 5 V.
On State range
Off State range
-0.1
2.4
0.8
5.0
Vdc
Vdc
Enable – Positive Logic Version
Internal 100 K pull-down to GND.
On State range
Off State range
2.4
-0.1
5.0
0.8
Vdc
Vdc
Table 2
Output Characteristics
Notes & Conditions (1)
Min
Typ.
Max
Units
Output Voltage Set Point (Vo=Vin/4 +0/-0.5%)
Vin = 48.0 V, Io = 0 A
11.94
11.98
12.0
Vdc
Output Load Regulation
Io = 0 to 15 A
0.7
V
Output Voltage Total Regulation
Vin = 36 to 55 V, Io = 0 to 15 A,
8.3
13.75
Vdc
Vin = 42 to 53 V, Io = 0 to 15 A,
9.7
13.25
Vdc
Output Ripple Voltage & Noise
20 MHz Bandwidth
90
150
mV p-p
Output Current Operating Range
0
15
A
Efficiency
Vin = 48 V, Io = 15 A
96
%
Turn-On Time
Vin present: Enable to 90% Vout
10
mS
Start-up Inhibit Time
Enabled: Vin applied to 90% Vout
80
mS
Transient Response (3)
25% step, 0.1A/
μs, ΔVo
160
mV
Recovery Time
100
μs
Maximum Output Capacitance (4)
3000
μF
BUS CONVERTER
EUS15-120 Model


Similar Part No. - EUS15-120-NHARVC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHARVC MURATA-PS-EUS20-120-NHARVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHBRVC MURATA-PS-EUS20-120-NHBRVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHCRVC MURATA-PS-EUS20-120-NHCRVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-PHARVC MURATA-PS-EUS20-120-PHARVC Datasheet
685Kb / 7P
   Bus Converter
More results

Similar Description - EUS15-120-NHARVC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
VIB0010TFJ VICOR-VIB0010TFJ_10 Datasheet
1Mb / 17P
   Bus Converter
B048F096T24 VICOR-B048F096T24_11 Datasheet
1Mb / 12P
   Bus Converter
BCM384F480T325A00 VICOR-BCM384F480T325A00 Datasheet
1Mb / 18P
   Bus Converter
BCM48BH120M120A00 VICOR-BCM48BH120M120A00 Datasheet
1Mb / 16P
   Bus Converter
B048F240T30 VICOR-B048F240T30_12 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com