Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCL2524S1V8 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCL2524S1V8
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCL2524S1V8 Datasheet(HTML) 2 Page - XP Power Limited

  JCL2524S1V8 Datasheet HTML 1Page - XP Power Limited JCL2524S1V8 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
JCL
Models and Ratings
Notes
1. Input currents specified at nominal 24 V or 48 V input.
2. For optional open frame version, add suffix ‘-U’ to model number.
3. For optional negative logic Remote On/Off, add suffix ‘-N’ to model number.
Mechanical Details
0.70
(17.78)
1.55
(39.40)
0.100
(2.54)
0.300
(7.62)
76
0.600
(15.24)
0.70
(17.78)
3
4
0.200
(5.08)
1
0.14
(3.60)
0.15
(3.80)
0.40
(10.16)
5
TOP VIEW
Application Notes
All dimensions are in inches (mm)
Weight: 25 g (0.06 lbs)
Input
Voltage
Output
Voltage
Output
Current
Input Current(1)
Efficiency
Model
Number(2, 3)
No Load
Full Load
18-36 VDC
1.8 VDC
8.0 A
60 mA
714 mA
84%
JCL2524S1V8
2.5 VDC
8.0 A
55 mA
749 mA
88%
JCL2524S2V5
3.3 VDC
6.0 A
55 mA
729 mA
89%
JCL2524S3V3
5.0 VDC
5.0 A
60 mA
1157 mA
90%
JCL2524S05
12.0 VDC
2.0 A
30 mA
1149 mA
89%
JCL2524S12
15.0 VDC
1.6 A
30 mA
1149 mA
89%
JCL2524S15
36-75 VDC
1.8 VDC
8.0 A
30 mA
397 mA
84%
JCL2548S1V8
2.5 VDC
8.0 A
30 mA
473 mA
88%
JCL2548S2V5
3.3 VDC
6.0 A
40 mA
463 mA
89%
JCL2548S3V3
5.0 VDC
5.0 A
40 mA
579 mA
80%
JCL2548S05
12.0 VDC
2.0 A
20 mA
568 mA
88%
JCL2548S12
15.0 VDC
1.6 A
20 mA
568 mA
88%
JCL2548S15
4
31
6
8
75
BOTTOM
VIEW
0.45
(11.43)
0.22min
(5.60)
1.60
(40.64)
0.50
(12.70)
0.70
(17.78)
0.10
(2.54)
0.30
(7.62)
0.04 DIA
(1.02)
1.80
(45.72)
2.00
(50.80)
0.70
(17.78)
0.20
0.60
(15.24)
(5.08)
Open Frame
Metal Case
PIN CONNECTIONS
Pin
Function
1
On/Off Control
3
- V Input
4
+V Input
5
Trim
6
-V Output & Case
7
+V Output
8
No Pin
-2.50%/°C for open frame models
-3.33%/°C for metal case models
-40
-20
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
Ambient Temperature (ºC)
0
Derating Curve
External Output Trim
-Vout (5)
TRIM U P
TRIM (4)
TRIM DOWN
+Vout (3)
-Vout (5)
+Vout (3)
TRIM (4)
10K ohms
TRIMPOT
PIN CONNECTIONS
Pin
Function
1
On/Off Control
3
- V Input
4
+V Input
5
Trim
6
-V Output
7
+V Output
8
No Pin
Remote On/Off Control
Derating:
Metal case models above +70 °C, linearly to zero power at 100 °C.
Open frame models above +60 °C, linearly to zero power at 100 °C.
Standard ROF logic is positive.
Output On
>3.5 VDC or open circuit
Output Off
<1.8 VDC
Optional ROF logic is negative (‘-N’ version).
Output On
<1.8 VDC
Output Off
>3.5 VDC or open circuit


Similar Part No. - JCL2524S1V8

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
JCL20 COPAL-JCL20 Datasheet
91Kb / 3P
   CONDUCTIVE PLASTIC RECTILINEAR TYPE
JCL200B COPAL-JCL200B Datasheet
91Kb / 3P
   CONDUCTIVE PLASTIC RECTILINEAR TYPE
More results

Similar Description - JCL2524S1V8

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com