Part Name
         Description
EUS20-120

 Bus Converter ( 7 Page)


MURATA-PS
100% 
Zoom Out Zoom In
   
 6 page
background image
Murata Power Solutions
EUS20-120-6200921520.B01
18/04/08
6
BUS CONVERTER
EUS20-120 Model
Turn-on from Vin (Enable On)
Turn-on from Enable (Vin present)
Figure 9
Ch1: Vin; Ch2: Vout
Figure 10
C3: Enable; Ch2: Vout
Vin=48V, Io=20A, Co=1000uF
Vin=48V, Io=20A, Co=1000uF
Output Ripple/Noise
Figure 11
Vin=48V, Io=20A
Vripple = 114 mVpp
40.0°C
140.0°C
40
60
80
100
120
140
SP01: 83.4
SP02: 77.0
SP03: 78.0
SP04: 86.7
SP05: 91.2
Figure 12
Vi=48 V, Iout=20 A,
200 LFM bottom side
Thermal Image
1  2  3  4  5  6  7 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62334P_088-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
M62392P8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
M62398P8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreRenesas Technology Corp
PTQB425080200-W 48-V INPUT 8-V OUTPUT SEMI-REGULATED ISOLATED DC-DC BUS CONVERTER 1 2 3 4 5 MoreTexas Instruments
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
M62393P8-bit 8ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
M62399P8-BIT 8CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreRenesas Technology Corp
ATC210Dual-Input Bus Converter 1 2 3 4 5 MoreEmerson Network Power
QBWIIBCwide-input intermediate bus converter 1 2 3 4 Emerson Network Power
EUS15-120BUS CONVERTER 1 2 3 4 5 MoreMurata Power Solutions Inc.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl