Part Name
         Description
EUS20-120

 Bus Converter ( 7 Page)


MURATA-PS
100% 
Zoom Out Zoom In
   
 2 page
background image
Murata Power Solutions
EUS20-120-6200921520.B01
18/04/08
2
EUS20-120 Model
BUS CONVERTER
Table 1
Protection Characteristics
Notes & Conditions 0
Min
Typ.
Max
Units
Output Over-Current Shutdown
Non-Latching
24
25
27
A
Re-start rate
75
msec
Over Temperature Shutdown (5)
Non-Latching
125
130
°C
Over Temperature Restart Hysteresis
10
°C
Table 2
General Specifications
Notes & Conditions 0
Min
Typ.
Max
Units
Isolation Voltage
Input to Output
2250
Vdc
Isolation Resistance
Input to Output
10
Mohm
Storage Temperature Range
Non-condensing
-40
125
°C
Operating Temperature Range
Ambient (7)
-40
100
°C
Thermal Measurement Location Temperature (7)
See mechanical drawing for location
120
°C
Material Flammability
UL 94V-0
MTBF
Calculated (Bellcore TR-332)
2.7
x10
6 Hrs
Demonstrated
2
x10
6 Hrs
Dimension
2.28”L x 0.9”W x 0.48”H (max)
(57.9L x 22.9W x 12.19H mm max)
Weight
30
grams
Table 3
Standards Compliance
Notes & Conditions (6)
UL/CSA 60950
Basic Insulation
EN60950
Certified by TUV
Notes:
Vin = 48Vdc, Ta = 25 °C, Airflow = 200 LFM for all data unless otherwise noted.
Output ripple voltage and noise is specified when measured with a 10uF tantalum and a 1uF ceramic capacitor at the converter output pins.
Transient response is specified without a capacitor at the output of the converter.
Product operates with an external capacitance significantly greater than specified. However, for values higher than 2000uF please contact
C&D representative.
Thermal shutdown is monitored at the Thermal Measurement Location (TML). See ‘Mechanical Information’ on page 3 for TML location.
See ‘Safety Considerations’ shown on last page.
De-rating curves are conducted in a controlled environment. End application testing is required to ensure the Thermal Measurement
Location temperature is below the maximum specified.
Recommended airflow direction is from pin 1 to pin 3, or 3 to 1 (transverse airflow).
Current share accuracy is optimized when the source and load impedance presented to each converter is equal.
Input Reflected Ripple is specified when measured with a 12uH source inductance.
1  2  3  4  5  6  7 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62334P_088-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
M62392P8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
M62398P8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreRenesas Technology Corp
PTQB425080200-W 48-V INPUT 8-V OUTPUT SEMI-REGULATED ISOLATED DC-DC BUS CONVERTER 1 2 3 4 5 MoreTexas Instruments
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
M62393P8-bit 8ch I2C BUS D/A Converter with Buffer Amplifiers 1 2 3 4 5 MoreRenesas Technology Corp
M62399P8-BIT 8CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreRenesas Technology Corp
ATC210Dual-Input Bus Converter 1 2 3 4 5 MoreEmerson Network Power
QBWIIBCwide-input intermediate bus converter 1 2 3 4 Emerson Network Power
EUS15-120BUS CONVERTER 1 2 3 4 5 MoreMurata Power Solutions Inc.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl