Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUS25-096-NHBRVC Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # EUS25-096-NHBRVC
Description  BUS CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

EUS25-096-NHBRVC Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  EUS25-096-NHBRVC Datasheet HTML 1Page - Murata Power Solutions Inc. EUS25-096-NHBRVC Datasheet HTML 2Page - Murata Power Solutions Inc. EUS25-096-NHBRVC Datasheet HTML 3Page - Murata Power Solutions Inc. EUS25-096-NHBRVC Datasheet HTML 4Page - Murata Power Solutions Inc. EUS25-096-NHBRVC Datasheet HTML 5Page - Murata Power Solutions Inc. EUS25-096-NHBRVC Datasheet HTML 6Page - Murata Power Solutions Inc. EUS25-096-NHBRVC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Murata Power Solutions
7
EUS25-096 6200911514_B01_18/04/08
BUS CONVERTER
EUS25-096 Model
Safety Considerations
Figure 13
Ordering Information
The EUS series of converters are certified to the standards listed in the ‘Standards Compliance’ section in the table above. If this product
is built into information technology equipment, the installation must comply with the above standard.
An external input fuse (10 A recommended), must be used to meet the above requirements.
The output of the converter [Vo(+)/Vo(-)] is considered to remain within SELV limits when the input to the converter meets SELV or TNV-
2 requirements.
The converters and materials meet UL 94V-0 flammability ratings.
RoHS Compliant
The EUS series of converters is in compliance with the European Union Directive 2002/95/EC (RoHS) with repsect to the following sustances:
lead (Pb), mercury (Hg), cadmium (Cd), hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated diphenyl ethers (PBDE).


Similar Part No. - EUS25-096-NHBRVC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHARVC MURATA-PS-EUS20-120-NHARVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHBRVC MURATA-PS-EUS20-120-NHBRVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHCRVC MURATA-PS-EUS20-120-NHCRVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-PHARVC MURATA-PS-EUS20-120-PHARVC Datasheet
685Kb / 7P
   Bus Converter
More results

Similar Description - EUS25-096-NHBRVC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
VIB0010TFJ VICOR-VIB0010TFJ_10 Datasheet
1Mb / 17P
   Bus Converter
B048F096T24 VICOR-B048F096T24_11 Datasheet
1Mb / 12P
   Bus Converter
BCM384F480T325A00 VICOR-BCM384F480T325A00 Datasheet
1Mb / 18P
   Bus Converter
logo
Murata Power Solutions ...
EUS15-120 MURATA-PS-EUS15-120 Datasheet
491Kb / 8P
   BUS CONVERTER
logo
Vicor Corporation
BCM48BH120M120A00 VICOR-BCM48BH120M120A00 Datasheet
1Mb / 16P
   Bus Converter
B048F240T30 VICOR-B048F240T30_12 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com