Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUS25-096-PHBRVC Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # EUS25-096-PHBRVC
Description  BUS CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

EUS25-096-PHBRVC Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  EUS25-096-PHBRVC Datasheet HTML 1Page - Murata Power Solutions Inc. EUS25-096-PHBRVC Datasheet HTML 2Page - Murata Power Solutions Inc. EUS25-096-PHBRVC Datasheet HTML 3Page - Murata Power Solutions Inc. EUS25-096-PHBRVC Datasheet HTML 4Page - Murata Power Solutions Inc. EUS25-096-PHBRVC Datasheet HTML 5Page - Murata Power Solutions Inc. EUS25-096-PHBRVC Datasheet HTML 6Page - Murata Power Solutions Inc. EUS25-096-PHBRVC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Murata Power Solutions
4
EUS25-096 6200911514_B01_18/04/08
BUS CONVERTER
EUS25-096 Model
Efficiency Curves
Figure 2
Output Voltage vs. Current
Figure 3
EUS25 Efficiency (%) vs Iout (A)
88
89
90
91
92
93
94
95
96
97
98
0246
8
10
12
14
16
18
20
22
24
26
28
Iout [Adc]
Vin=36V
Vin=48V
Vin=55V
EUS25-096 Output vs. Current
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
02468
10
12
14
16
18
20
22
24
26
28
Iout [Adc]
Vin=36V
Vin=48V
Vin=55V


Similar Part No. - EUS25-096-PHBRVC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHARVC MURATA-PS-EUS20-120-NHARVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHBRVC MURATA-PS-EUS20-120-NHBRVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHCRVC MURATA-PS-EUS20-120-NHCRVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-PHARVC MURATA-PS-EUS20-120-PHARVC Datasheet
685Kb / 7P
   Bus Converter
More results

Similar Description - EUS25-096-PHBRVC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
VIB0010TFJ VICOR-VIB0010TFJ_10 Datasheet
1Mb / 17P
   Bus Converter
B048F096T24 VICOR-B048F096T24_11 Datasheet
1Mb / 12P
   Bus Converter
BCM384F480T325A00 VICOR-BCM384F480T325A00 Datasheet
1Mb / 18P
   Bus Converter
logo
Murata Power Solutions ...
EUS15-120 MURATA-PS-EUS15-120 Datasheet
491Kb / 8P
   BUS CONVERTER
logo
Vicor Corporation
BCM48BH120M120A00 VICOR-BCM48BH120M120A00 Datasheet
1Mb / 16P
   Bus Converter
B048F240T30 VICOR-B048F240T30_12 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com