Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JPM80PS05 Datasheet(PDF) 2 Page - XP Power Limited

Part # JPM80PS05
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JPM80PS05 Datasheet(HTML) 2 Page - XP Power Limited

  JPM80PS05 Datasheet HTML 1Page - XP Power Limited JPM80PS05 Datasheet HTML 2Page - XP Power Limited JPM80PS05 Datasheet HTML 3Page - XP Power Limited JPM80PS05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JPM80
Models and Ratings
Output
Power(1,2)
Output
Voltage
Output
Current
Ripple & Noise
(pk-pk)
Load
Regulation
Efficiency
Model
Number
53 W
3.3 V
16.0 A
100 mV
±1.0%
70%
JPM80PS03
80 W
5.0 V
16.0 A
100 mV
±1.0%
76%
JPM80PS05
80 W
7.5 V
10.7 A
100 mV
±1.0%
78%
JPM80PS07
80 W
12.0 V
6.8 A
100 mV
±0.5%
80%
JPM80PS12
80 W
13.5 V
6.0 A
100 mV
±0.5%
80%
JPM80PS13
80 W
15.0 V
5.3 A
100 mV
±0.5%
82%
JPM80PS15
80 W
24.0 V
3.4 A
150 mV
±0.5%
84%
JPM80PS24
80 W
27.0 V
3.0 A
150 mV
±0.5%
83%
JPM80PS27
80 W
48.0 V
1.7 A
250 mV
±0.5%
82%
JPM80PS48
Derating Curve
7.05 (179.1)
4.84 (122.9)
4.6 (116.8)
2.56 (65.0)
2.01
(51.1)
3.11
(79.0)
3.90
(99.1)
4.69
(119.1)
0.4
(10.2)
1.5
(38.1)
1.95
(49.5)
1.00
(25.4)
0.79
(20.1)
1.00
(25.4)
2 x M4 L=5mm
5 x M3 L=3mm
7
6
5
4
3
2
1
J1
0.37
(9.5)
0.31
(8.0)
4 x optional fixing lugs p/n JPMFL
0.62
(16.0)
0.6
(15.0)
0.50
(12.7)
5.59 (142.0)
4 x M4 L=6mm
1.00 (25.4)
0.43
(11.0)
0.59
(15.0)
LED
+V
ADJ.
R.C.±
J2
2.36
(60.0)
Notes
1. Max output increases to 125% of rated power when input voltage is between 180 VAC and 264 VAC - see derating curve below.
2. Mounting vertically increases max ambient temperature. See derating curve.
3. To attach the power supply to a DIN rail, order 2 x DIN CLIP.
Available from Farnell. See pages 204-206.
Conn
Pin
Function
J1
1
AC Input
2
AC Input
3
Ground
4
DC Output -V
5
DC Output -V
6
DC Output +V
7
DC Output +V
9.5mm pitch M4 barrier strip
Opt
J2
1
Remote Control +
2
Remote Control -
Molex type 22-23-2021 compatible
10
20
30
40
50
60
55
70
(HORIZONTAL)
(VERTICAL)
55
0
-10
AMBIENT TEMPERATURE ºC
100
80
60
40
20
25
50
75
100
125
3 V TO 7 V WITH CONVECTION
12 V TO 48 V CONVECTION
3 V TO 7 V WITH 18 CFM
All dimensions in inches (mm)
Weight: 1.3 lb (600 g) approx.
Mechanical Details


Similar Part No. - JPM80PS05

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
JPM-2A-1000B MERRIMAC-JPM-2A-1000B Datasheet
123Kb / 1P
   QUADRAPHASE MODULATORS
JPM-2A-5B MERRIMAC-JPM-2A-5B Datasheet
123Kb / 1P
   QUADRAPHASE MODULATORS
JPM-4A-300B MERRIMAC-JPM-4A-300B Datasheet
123Kb / 1P
   QUADRAPHASE MODULATORS
JPM-4A-5B MERRIMAC-JPM-4A-5B Datasheet
123Kb / 1P
   QUADRAPHASE MODULATORS
logo
List of Unclassifed Man...
JPM160 ETC1-JPM160 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
More results

Similar Description - JPM80PS05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com