Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JPS130PS24 Datasheet(PDF) 3 Page - XP Power Limited

Part # JPS130PS24
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JPS130PS24 Datasheet(HTML) 3 Page - XP Power Limited

  JPS130PS24 Datasheet HTML 1Page - XP Power Limited JPS130PS24 Datasheet HTML 2Page - XP Power Limited JPS130PS24 Datasheet HTML 3Page - XP Power Limited JPS130PS24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.10 (2.5)
TB2
TB3
TB1
1
0.20 (5.0)
0.16 (4.0) Dia Mounting Hole (4 Places)
4.60 (117.0)
5.00 (127.0)
N
L
To Chassis Grounding x 2
1
JPS130-M
Mechanical Details
Models and Ratings
Notes
1. 20% minimum load required on V1 to maintain stated regulation for auxiliary rails.
2. Load regulation of auxiliary rails is defined over the range of 60% of rated output ±40%.
3. Maximum power with 18 CFM of forced air.
4. Ripple and noise measured over 15 MHz bandwidth with a 47 µF electrolytic capacitor and 0.47 µF ceramic capacitor.
5. Covers available, order part number ‘JPS130-M COVER’†^ or add suffix ‘-C’ to receive the unit with cover fitted. Overall dimensions 89.5 x 143.0 x 40.0 mm.
6. Connector kits and cable harnesses available. Consult sales for options.
Notes
Available from Farnell. See pages 204-206.
^ Available from Newark. See pages 207-208.
All dimensions are in inches (mm).
Tolerance: ± 0.02 (0.4) max.
Weight: 0.5 lbs (240 g) approx.
1. Single output model shown, add extra 0.08” (2.0 mm) to overall height for multi-output models.
2. AC input connector (TB1): Molex 5277-02A or equivalent. Mates with 5196-N housings.
3. DC output connector (TB2): Molex 5273 or equivalent. Mates with 5195-N and 5239-N housings.
4. TB3: Molex 5045-02A or equivalent. Single output units - TB3 is remote sense. Multi-output units - TB3 is 12 V, 450 mA fan output.
Output
Power(3)
Output
Voltage
Output Current
Ripple & Noise
Pk-Pk(4)
Model
Number
Convection-cooled
18 CFM
130 W
5.0 V
20.0 A
26.0 A
50 mV
JPS130PS05-M†^
12.0 V
9.0 A
10.8 A
120 mV
JPS130PS12-M†^
15.0 V
7.0 A
8.7 A
120 mV
JPS130PS15-M†^
24.0 V
4.5 A
5.4 A
200 mV
JPS130PS24-M†^
28.0 V
3.8 A
4.6 A
200 mV
JPS130PS28-M†^
48.0 V
2.3 A
2.7 A
200 mV
JPS130PS48-M†^
130 W
5.0 V (1)
10.0 A
15.0 A
50 mV
JPS130PT31-M(2)†^
12.0 V (2)
3.0 A
4.1 A
120 mV
-12.0 V (2)
0.8 A
1.1 A
120 mV
130 W
5.0 V (1)
10.0 A
15.0 A
50 mV
JPS130PT32-M(2)†^
15.0 V (2)
2.5 A
4.1 A
150 mV
-15.0 V (2)
0.8 A
1.1 A
150 mV
130 W
5.0 V (1)
2.5 A
4.0 A
50 mV
JPS130PT34-M(2)
24.0 V (2)
2.8 A
4.0 A
240 mV
12.0 V (2)
0.7 A
1.0 A
120 mV
See page 29 for
TB2 pin connections
TB3 PIN CONNECTIONS
Pin
Single Output
Multi Output
1
- Sense
0 V
2
+ Sense
+12 V Fan


Similar Part No. - JPS130PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JPS130PS24-M XPPOWER-JPS130PS24-M Datasheet
167Kb / 2P
   100 W Convection-cooled
More results

Similar Description - JPS130PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com