Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCA0312D03 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCA0312D03
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCA0312D03 Datasheet(HTML) 1 Page - XP Power Limited

  JCA0312D03 Datasheet HTML 1Page - XP Power Limited JCA0312D03 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
2-3 Watts
Compact 1.0” x 0.8” Metal Package
Industry Standard Pinout
2:1 Input Range
Single & Dual Outputs
Operating Temperature -40 °C to +100 °C
1500 VDC Isolation
UL & TUV Approved
JCA02/03 Series
Input
Input Voltage Range
• 5 V (4.5-9.0 VDC)
12 V (9-18 VDC)
24 V (18-36 VDC)
48 V (36-75 VDC)
Input Current
• See table
Input Filter
• Pi network
Undervoltage Lockout
• Turn On at >90-95% of rated input
Turn Off at <80% of rated input
Output
Output Voltage
• See table
Intial Set Accuracy
• ±1% max
Start Up Delay
• 30 ms max
Start Up Rise Time
• 3.5 ms typical
Line Regulation
• ±0.3%
Load Regulation
•±1%
Cross Regulation
• ±5% on dual output models
Transient Response
• 4% max deviation, recovery to within
1% in <500 µs for a 25% load change
at 1 A/µs
Ripple & Noise
• 50 mV pk-pk, 20 MHz BW
Overcurrent Protection • 120% typical, trip and restart
(Hiccup mode)
Short Circuit Protection • Continuous with auto recovery
Overvoltage Protection • 120% typical, Recycle input to reset
Temperature
• ±0.05%/°C
Coefficient
xppower.com
General
Efficiency
• See table
Isolation
• 1500 VDC Input to Output, basic insulation
500 VDC Input to Case
500 VDC Output to Case
MTBF
• 400 kHrs to MIL-STD-217F
Environmental
Operating Temperature • -40 °C to +100 °C output power derates
from 100% load at +75 °C linearly to
0% load at +100 °C
Case Temperature
• +100 °C max
Storage Temperature
• -55 °C to +125 °C
EMC & Safety
Emissions
• EN55022, level A conducted
(level B with external components, see
application note), level B radiated
ESD Immunity
• EN61000-4-2, level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 V rms Perf Criteria A
EN61000-4-8, 10 A/m Perf Criteria A
Safety Approvals
• EN60950-1: 2001, UL60950-1,
CSA C22.2 No. 60950-1-03,
CE Mark LVD


Similar Part No. - JCA0312D03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCA0312D03 XPPOWER-JCA0312D03 Datasheet
386Kb / 2P
   2/3 Watts JCA Series
More results

Similar Description - JCA0312D03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com