Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCL3048S15 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCL3048S15
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCL3048S15 Datasheet(HTML) 2 Page - XP Power Limited

  JCL3048S15 Datasheet HTML 1Page - XP Power Limited JCL3048S15 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
3
6
4
57
BOTTOM
VIEW
0.45
(11.43)
0.22min
(5.60)
1.60
(40.64)
0.50
(12.70)
0.70
(17.78)
0.10
(2.54)
0.30
(7.62)
0.04 DIA
(1.02)
1.80
(45.72
2.00
(50.80)
0.70
(17.78)
0.20
0.60
(15.24)
(5.08)
27-Nov-08
JCL30
Models and Ratings
Notes
1. Input currents specified at nominal 12 V, 24 V or 48 V input.
2. Cross regulation is ±5% when one output is at 100% and other is varied
between 25% and 100%.
3. Measured with 20 MHz bandwidth and 1 µF ceramic capacitor.
4. External input capacitor required, Nichicon FW series 1000 µF /
100 V or equivalent.
Mechanical Details
Application Notes
All dimensions are in inches (mm)
Weight: 0.11 lbs (48 g)
Input
Voltage
Output
Voltage
Output
Current
Input Current(1)
Efficiency
Max Capacitive
Load
Model
Number
No Load
Full Load
9-18 VDC
3.3 VDC
5.50 A
30 mA
1.87 A
83%
15000 µF
JCL3012S3V3
5.0 VDC
5.00 A
30 mA
2.48 A
86%
10000 µF
JCL3012S05
12.0 VDC
2.50 A
30 mA
2.84 A
90%
2200 µF
JCL3012S12
15.0 VDC
2.00 A
30 mA
2.84 A
90%
1000 µF
JCL3012S15
±12.0 VDC
±1.25 A
30 mA
2.84 A
90%
±1000 µF
JCL3012D12
±15.0 VDC
±1.00 A
30 mA
2.84 A
90%
±680 µF
JCL3012D15
18-36 VDC
3.3 VDC
5.50 A
25 mA
0.92 A
84%
15000 µF
JCL3024S3V3
5.0 VDC
5.00 A
25 mA
1.23 A
87%
10000 µF
JCL3024S05
12.0 VDC
2.50 A
25 mA
1.40 A
91%
2200 µF
JCL3024S12
15.0 VDC
2.00 A
25 mA
1.40 A
91%
1000 µF
JCL3024S15
±12.0 VDC
±1.25 A
25 mA
1.40 A
91%
±1000 µF
JCL3024D12
±15.0 VDC
±1.00 A
25 mA
1.40 A
91%
±680 µF
JCL3024D15
36-75 VDC
3.3 VDC
5.50 A
20 mA
0.46 A
84%
15000 µF
JCL3048S3V3
5.0 VDC
5.00 A
20 mA
0.61 A
87%
10000 µF
JCL3048S05
12.0 VDC
2.50 A
20 mA
0.70 A
91%
2200 µF
JCL3048S12
15.0 VDC
2.00 A
20 mA
0.70 A
91%
1000 µF
JCL3048S15
±12.0 VDC
±1.25 A
20 mA
0.71 A
91%
±1000 µF
JCL3048D12
±15.0 VDC
±1.00 A
20 mA
0.71 A
91%
±680 µF
JCL3048D15
-40
-20
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
Ambient Temperature (ºC)
0
Derating Curve
External Output Trim
TRIM UP
7 (7)
6 (6)
TRIM DOWN
7 (7)
5 (4)
PIN CONNECTIONS
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off
Remote On/Off
4
No Pin
+Vout
5
+Vout
Com
6
-Vout
-Vout
7
Trim
Trim
Remote On/Off Control
Standard ROF logic is positive.
Output On
>2.5 VDC or open circuit
Output Off
<0.8 VDC or short circuit pins 2 & 3
Pins in brackets ( )
are for dual
output versions
Notes
1. All dimensions are in inches (mm).
2. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
3. Pin pitch tolerance: ±0.014 (±0.35)
4. Case tolerance: ±0.02 (±0.5)
Input Filter
DC/DC
Converter
+Vin
+Vout
LOAD
C1
C2
C3
L
-Vin
-Vout
Model
C1
L
C2
C3
12 VDC
330 µF, 100 V
12 µH
100 µF, 100 V
N/A
24 VDC
330 µF, 100 V
12 µH
100 µF, 100 V
N/A
48 VDC
330 µF, 100 V
12 µH
100 µF, 100 V
1000 pF/2k V


Similar Part No. - JCL3048S15

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
JCL300B COPAL-JCL300B Datasheet
91Kb / 3P
   CONDUCTIVE PLASTIC RECTILINEAR TYPE
More results

Similar Description - JCL3048S15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com