Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54ACT8997FK Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54ACT8997FK
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54ACT8997FK Datasheet(HTML) 9 Page - Texas Instruments

Back Button SNJ54ACT8997FK Datasheet HTML 5Page - Texas Instruments SNJ54ACT8997FK Datasheet HTML 6Page - Texas Instruments SNJ54ACT8997FK Datasheet HTML 7Page - Texas Instruments SNJ54ACT8997FK Datasheet HTML 8Page - Texas Instruments SNJ54ACT8997FK Datasheet HTML 9Page - Texas Instruments SNJ54ACT8997FK Datasheet HTML 10Page - Texas Instruments SNJ54ACT8997FK Datasheet HTML 11Page - Texas Instruments SNJ54ACT8997FK Datasheet HTML 12Page - Texas Instruments SNJ54ACT8997FK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
instruction-register opcode description
The operation of the ’ACT8997 is dependent on the instruction loaded into the IR. Each instruction selects one
of the data registers to be placed between TDI or DTDI and TDO during the Shift-DR TAP state. All the required
instructions of IEEE Standard 1149.1 are implemented in the ’ACT8997.
boundary scan
This instruction implements the required EXTEST and optional INTEST operations of IEEE Standard 1149.1.
The boundary-scan register (which includes the ID-bus register) is placed in the scan path. Data appearing at
input pins included in the boundary-scan register is captured. Data previously loaded into the output pins
included in the boundary-scan register is forced through the outputs.
bypass scan
This instruction implements the required BYPASS operation of IEEE Standard 1149.1. The bypass register is
placed in the scan path and preloads with a logic 0 during Capture-DR.
sample boundary
This instruction implements the required SAMPLE/PRELOAD operation of IEEE Standard 1149.1. The
boundary-scan register is placed in the scan path, and data appearing at the inputs and outputs included in the
boundary-scan register is sampled on the rising edge of TCK in Capture-DR.
count
The counter register begins counting on each DCI transition. The count begins from the value present in the
register before the count instruction was loaded. The counter can be configured by the control register to count
up or down on either the low-to-high or high-to-low transition of DCI. Counting occurs only while in the
Run-Test /Idle TAP state.
control-register scan
The control register is placed in the scan path for a subsequent shift operation. The register is not preloaded
during Capture-DR.
counter-register scan
The counter register is placed in the scan path. During Capture-DR, the current value of the counter is loaded
in the counter register. At Update-DR, the newly shifted value is preloaded to the counter.
counter-register read
The counter register is placed in the scan path. During Capture-DR, the prior preload value of the counter is
loaded into the counter register. At Update-DR, the newly shifted value is preloaded to the counter.
ID-bus-register scan
The ID-bus register (a subset of the boundary-scan register) is placed in the scan path for a subsequent shift
operation. The data appearing on the ID bus is loaded into the ID-bus register on the rising edge of TCK in
Capture-DR.
ID-bus-register read
The ID-bus register is placed in the scan path for a subsequent shift operation. The register is not preloaded
during Capture-DR.
select-register scan
The select register is placed in the scan path for a subsequent shift operation. The register is not preloaded
during Capture-DR.


Similar Part No. - SNJ54ACT8997FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ACT8990GB TI-SNJ54ACT8990GB Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SNJ54ACT8990GB TI-SNJ54ACT8990GB Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SNJ54ACT8990HV TI-SNJ54ACT8990HV Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SNJ54ACT8990HV TI-SNJ54ACT8990HV Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
More results

Similar Description - SNJ54ACT8997FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT8999 TI1-SN54ACT8999 Datasheet
435Kb / 29P
[Old version datasheet]   SCAN-PATH SELECTORS WITH 8-BIT BIDIRECTIONAL DATA BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP MULTIPLEXERS
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74ACT8994 TI-SN74ACT8994 Datasheet
157Kb / 11P
[Old version datasheet]   DIGITAL BUS MONITOR IEEE STD 1149.1 JTAG SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
SN54LVT8996 TI-SN54LVT8996_99 Datasheet
603Kb / 41P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996 Datasheet
717Kb / 44P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986_07 Datasheet
885Kb / 54P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com