Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTC0424S09 Datasheet(PDF) 1 Page - XP Power Limited

Part # JTC0424S09
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTC0424S09 Datasheet(HTML) 1 Page - XP Power Limited

  JTC0424S09 Datasheet HTML 1Page - XP Power Limited JTC0424S09 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
4-6 Watts
4:1 Input Range
DIP-24 Metal Package
Operating Temperature -40 ºC to +100 ºC
Single & Dual Outputs
Continuous Short Circuit Protection
1500 VDC Isolation
3000 VDC Isolation Optional
JTC04/06 Series
Input
Input Voltage Range
• 24 V (9-36 VDC)
48 V (18-72 VDC)
Input Current
• See table
Input Filter
• Pi network
Input Reflected Ripple
• 35 mA pk-pk through 12 µH inductor,
5 Hz to 20 MHz
Input Surge
• 24 V models 40 VDC for 100 ms
48 V models 80 VDC for 100 ms
Output
Output Voltage
• See table
Output Voltage Balance • ±1% max, dual output models
Minimum Load
• No minimum load required
Intial Set Accuracy
• ±1% max
Start Up Delay
• <800 ms
Start Up Rise Time
• <10 ms
Line Regulation
• ±0.5% max
Load Regulation
• ±0.5% max
Cross Regulation
• ±5% on dual output models
Transient Response
• <1.5% max deviation, recovery to within
1% in 200 µs for a 50% load change
Ripple & Noise
• 60 mV pk-pk for 3.3 V to 15 V models,
100 mV pk-pk for 18 V models,
150 mV pk-pk for 24 V models,
20 MHz BW
Short Circuit Protection • Trip & restart (hiccup) with auto recovery
Maximum Capacitive
• See tables
Load
Temperature
• ±0.02/°C max
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 1500 VDC Input to Output, for optional
high isolation version 3000 VDC input to
output add suffix ‘-H’ to model number
1000 VDC Input to Case
1000 VDC Output to Case
Isolation Capacitance
• 500 pF max
Switching Frequency
• 266 kHz typical
MTBF
• >1 MHrs to MIL-STD-217F
Environmental
Operating Temperature • -40 ºC to +100 ºC, derate from 100% load
at +85 °C to no load at +100 °C
Case Temperature
• +100 ºC max
Storage Temperature
• -40 ºC to +125 ºC
Humidity
• Up to 90%, non-condensing
Cooling
• Natural convection
EMC
Emissions
• EN55022 Class A conducted with external
components - see application note
ESD Immunity
• EN61000-4-2,
8 kV air discharge Perf Criteria A,
4 kV contact discharge Perf Criteria A
Radiated Immunity
• EN61000-4-6 Level 2 3 V/m Perf Criteria A


Similar Part No. - JTC0424S09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTC0424S09 XPPOWER-JTC0424S09 Datasheet
261Kb / 2P
   4/6 Watts JTC Series
More results

Similar Description - JTC0424S09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com