Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTA1524S12 Datasheet(PDF) 1 Page - XP Power Limited

Part # JTA1524S12
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTA1524S12 Datasheet(HTML) 1 Page - XP Power Limited

  JTA1524S12 Datasheet HTML 1Page - XP Power Limited JTA1524S12 Datasheet HTML 2Page - XP Power Limited JTA1524S12 Datasheet HTML 3Page - XP Power Limited JTA1524S12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
10-20 Watts
4:1 Input Range
-40 ˚C to +100 ˚C Operating Temperature
Single & Dual Outputs
Overvoltage & Overcurrent Protection
UL Safety Approvals
Remote On/Off
1500 VDC Isolation
JTA Series
Input
Input Voltage Range
• 9-36 VDC
18-75 VDC
Input Current
• JTA10: 1.65 A max at 9 VDC input
JTA15: 2.20 A max at 9 VDC input
JTA20: 2.90 A max at 9 VDC input
Output
Output Voltage
• See table
Output Voltage Trim
• ±10% (15 & 20 W models only)
Voltage Balance
• ±1% max dual models, 100% load
Minimum Load
• No minimum load required for single
output models, 10% required for dual
output models
Line Regulation
• ±1% max
Load Regulation
• Single output models: ±1% max
Dual output models: ±2% max
for a 10-100% load change
Setpoint Accuracy
• ±2%
Ripple & Noise
• Single output models: 50 mV pk-pk
Dual output models: 75 mV pk-pk typical
at 20 MHz BW
Transient Response
• 4% max deviation, recovery to within
1% in <500 µs for a 25% load change
Temperature
• 0.02%/ºC
Coefficient
Overvoltage Protection • See table
Overcurrent Protection • Continuous with auto recovery
Remote On/Off
• On = Logic High or Open
Off = Logic Low or <1.8 V
(15 & 20 W models only)
xppower.com
General
Efficiency
• See table
Isolation
• 1500 VDC Input to Output
MTBF
• 1,000 kHrs min per MIL-HDBK-217F
Environmental
Operating Temperature • -40 ºC to +100 ºC, see derating curve
Case Temperature
• +100 °C max
Cooling
• Natural convection
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -55 ºC to +105 ºC
EMC & Safety
Emissions
• EN55022,
level A conducted (below -25 ºC)
level B conducted (-25 ºC to +100 ºC)
See note 1.
EN55022, level A radiated
ESD Immunity
• EN61000-4-2, level 2
Perf Criteria A
Radiated Immunity
• EN61000-4-3 3 V/rms,
Perf Criteria A
Conducted Immunity
• EN61000-4-6 3 V/m,
Perf Criteria A
Safety Approvals
• UL60950-1


Similar Part No. - JTA1524S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JTA1524S12 ETC1-JTA1524S12 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
More results

Similar Description - JTA1524S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com