Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTH1524D12 Datasheet(PDF) 2 Page - XP Power Limited

Part # JTH1524D12
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTH1524D12 Datasheet(HTML) 2 Page - XP Power Limited

  JTH1524D12 Datasheet HTML 1Page - XP Power Limited JTH1524D12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
27-Nov-08
Application Notes
JTH
Models and Ratings
2.00
(50.80)
1.00
(25.40)
0.10
(2.54)
0.40
(10.16)
0.40
(10.16)
0.10
(2.54)
0.60
(15.24)
0.80
(20.32)
0.60
(15.24)
5
4
3
0.40
(10.16)
0.40
(10.16)
0.20
(5.08)
Bottom View
0.40
(10.16)
DIA.
0.04
(1.00)
0.20
(5.08)
Min
12
6
Derating Curve
Ambient Temperature (°C)
100
75
50
25
-40
-20
0
20
40
60
80
100
120
Notes
1. Measured at nominal input voltage.
2. For optional Remote On/Off. add suffix ‘-R’ to model number.
Mechanical Details
Input Voltage
Range
Output
Voltage
Output
Current
Input Current(1)
Efficiency
Max
Capacitive Load
Model
Number(2)
No Load
Full Load
9-36 VDC
3.3 V
3000 mA
25 mA
515 mA
80%
3300 µF
JTH1524S3V3^
5.0 V
3000 mA
25 mA
753 mA
83%
3300 µF
JTH1524S05^
12.0 V
1250 mA
25 mA
735 mA
85%
680 µF
JTH1524S12^
15.0 V
1000 mA
25 mA
726 mA
86%
470 µF
JTH1524S15^
±5.0 V
±1500 mA
25 mA
753 mA
83%
±2200 µF
JTH1524D05^
±12.0 V
±625 mA
25 mA
735 mA
85%
±470 µF
JTH1524D12^
±15.0 V
±500 mA
25 mA
726 mA
86%
±330 µF
JTH1524D15^
18-72 VDC
3.3 V
3000 mA
20 mA
257 mA
80%
3300 µF
JTH1548S3V3^
5.0 V
3000 mA
20 mA
376 mA
83%
3300 µF
JTH1548S05^
12.0 V
1250 mA
20 mA
367 mA
85%
680 µF
JTH1548S12^
15.0 V
1000 mA
20 mA
363 mA
86%
470 µF
JTH1548S15^
±5.0 V
±1500 mA
20 mA
376 mA
83%
±2200 µF
JTH1548D05^
±12.0 V
±625 mA
20 mA
367 mA
85%
±470 µF
JTH1548D12^
±15.0 V
±500 mA
20 mA
363 mA
86%
±330 µF
JTH1548D15^
All dimensions are in inches (mm).
Tolerance x.xx = ±0.10 (±0.25).
Weight 0.07 lbs (30 g).
Optional Remote On/Off
PIN CONNECTIONS
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No pin
Common
5
-Vout
-Vout
6*
ROF*
ROF*
On = +2.5 to +5.5 VDC on pin 6 WRT pin 2 or open circuit
Off = -0.7 to +0.8 VDC on pin 6 WRT pin 2 or short circuit pin 2 & 6
Input current is typically 2.5 mA when output is remotely switched off.
^ Available from Newark. See pages 207-208.
L
C1
C2
+Vin
-Vin
Input Filter
L
= 12 µH
C1 = 47 µF
C2 = 33 µF
* Pin 6 only present with
optional Remote On/Off


Similar Part No. - JTH1524D12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTH1524D12 XPPOWER-JTH1524D12 Datasheet
120Kb / 2P
   15 Watts JTH Series
More results

Similar Description - JTH1524D12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com