Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCP4048T0512 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCP4048T0512
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCP4048T0512 Datasheet(HTML) 1 Page - XP Power Limited

  JCP4048T0512 Datasheet HTML 1Page - XP Power Limited JCP4048T0512 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
40 Watts
2:1 Input Range
Single, Dual & Triple Outputs
-40 °C to +100 °C Operating Temperature
High Efficiency up to 92%
Six-sided Metal Case
Fixed 350 kHz Switching Frequency
Continuous Short Circuit Protection
JCP Series
Input
Input Voltage Range
• 12 VDC (9-18 VDC)
24 VDC (18-36 VDC)
48 VDC (36-75 VDC)
Input Current
• See table
Input Filter
• Pi network
Undervoltage Lockout
• Turn on >71% nominal input
Turn off <67% nominal input
Output
Output Voltage
• See table
Output Voltage Trim
• ±10%
Minimum Load
• See table
Line Regulation
• ±0.5% max for single & dual outputs,
±1.0% max for V1 of triple outputs,
±5.0% for V2 & V3
Load Regulation
• ±0.5% max single & dual outputs,
±2.0% max for V1 of triple outputs,
±5.0% for V2 & V3
Setpoint Accuracy
• ±1.5% max
Voltage Balance
• ±2.0% max
Ripple & Noise
• 2.5, 3.3 & 5.0 V models 50 mV pk-pk max
12.0 & 15.0 V models 75 mV pk-pk max
(20 MHz bandwidth)
Transient Response
• 5% max deviation, recovery to within
1% in 300 µs for a 25% load change
Temperature
• ±0.02%/°C
Coefficient
Overvoltage Protection • 2.5 V models 3.6 V typical,
3.3 V models 3.9 V typical,
5.0 V models 6.2 V typical,
12.0 V models 15.0 V typical,
15.0 V models 18.0 V typical
Overcurrent Protection • 110-140%
Short Circuit Protection • Continuous, trip & restart (Hiccup mode)
Remote On/Off
• ON >3.5 VDC or open circuit
OFF <1.8 VDC
Thermal Protection
• Shuts down when case temperature
measures +110 °C typical
Remote Sense
• Compensates for up to 10% voltage drop
single output models only
xppower.com
General
Efficiency
• See table
Isolation Voltage
• 1500 VDC Input to Output
1500 VDC Input to Case
Output return connected to case
Switching Frequency
• 350 kHz typical
MTBF
• >600 kHrs to MIL-STD-217F
Environmental
Operating Temperature • -40 °C to +100 °C, derate from 100% load
at +60 °C to 0% load at +100 °C
Case Temperature
• +100 °C max
Storage Temperature
• -55 °C to +125 °C
Cooling
• Convection-cooled
Operating Humidity
• Up to 90%, non-condensing
Shock
• 30 g, half sine wave 18 ms pulse applied
3 times on each of 6 axes
Vibration
• 5-500 Hz, 3 g, for 10 mins on each
of 3 axes
EMC
Emissions
• EN55022 Level A conducted & radiated
with external components - contact
technical sales
ESD Immunity
• EN61000-4-2, Level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 V rms Perf Criteria A


Similar Part No. - JCP4048T0512

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
JCPH1B CIT-JCPH1B Datasheet
283Kb / 3P
   CIT SWITCH
JCPH1G CIT-JCPH1G Datasheet
283Kb / 3P
   CIT SWITCH
JCPH1LB CIT-JCPH1LB Datasheet
283Kb / 3P
   CIT SWITCH
JCPH1LG CIT-JCPH1LG Datasheet
283Kb / 3P
   CIT SWITCH
JCPH1LR CIT-JCPH1LR Datasheet
283Kb / 3P
   CIT SWITCH
More results

Similar Description - JCP4048T0512

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com