Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTH1548S15 Datasheet(PDF) 1 Page - XP Power Limited

Part # JTH1548S15
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTH1548S15 Datasheet(HTML) 1 Page - XP Power Limited

  JTH1548S15 Datasheet HTML 1Page - XP Power Limited JTH1548S15 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
15 Watts
4:1 Input Range
1500 VDC Isolation
Efficiency up to 86%
-40 °C to +100 °C Operating Temperature
Optional Remote On/Off
Single & Dual Outputs
Continuous Short Circuit Protection
JTH Series
Input
Input Voltage Range
• 24 V (9-36 VDC)
48 V (18-72 VDC)
Input Current
• See table
Input Filter
• Pi network
Input Reflected Ripple
• 35 mA rms through 12 µH inductor,
5 Hz to 20 MHz
Input Surge
• 24 V models 50 VDC for 100 ms
48 V models 100 VDC for 100 ms
Output
Output Voltage
• See table
Voltage Balance
• ±1%
Minimum Load
• No minimum load required
Line Regulation
• ±0.5%
Load Regulation
• ±0.5% 10-100% load,
±1.0% below 10% load
Setpoint Accuracy
• ±1%
Start Up Rise Time
• <20 ms
Start Up Delay
• <10 ms
Ripple & Noise
• 75 mV pk-pk 20 MHz BW
Transient Response
• 3% max deviation, recovery to within
1% in 200 µs for 25% load change
Temperature
• 0.02%/°C
Coefficient
Overcurrent Protection • 140% typical of full load at nominal input
Short Circuit Protection • Trip & restart (Hiccup mode), auto recovery
Remote On/Off
• Optional - see Application Note.
On = +2.5 to +5.5 VDC or Open circuit
Off = -0.7 to +0.8 VDC or short circuit
xppower.com
General
Efficiency
• See table
Isolation
• 1500 VDC Input to Output
1000 VDC Input to Case
1000 VDC Output to Case
Isolation Capacitance
• 1200 pF typical
Switching Frequency
• 300 kHz typical
MTBF
• >1.2 MHrs to MIL-STD-217F
Environmental
Operating Temperature • -40 °C to +100 °C, derate from 100% load
at +60 °C to 0% load at +100 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
Operating Humidity
• Up to 95% RH, non-condensing
Storage Temperature
• -40 °C to +125 °C
EMC
Emissions
• EN55022 Class A conducted & radiated
with external components, see
application note.
ESD Immunity
• EN61000-4-2,
8 kV air discharge Perf Criteria A,
4 kV contact discharge Perf Criteria A
Radiated Immunity
• EN61000-4-3, Level 2 3 V/m
Perf Criteria A
EFT/Burst
• EN61000-4-4, Level 1 Perf Criteria B
Conducted Immunity
• EN61000-4-6, 3 V Perf Criteria A
Magnetic Field
• EN61000-4-8, 1 A/m Perf Criteria A


Similar Part No. - JTH1548S15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTH1548S15 XPPOWER-JTH1548S15 Datasheet
120Kb / 2P
   15 Watts JTH Series
More results

Similar Description - JTH1548S15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com