Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTC0448S15 Datasheet(PDF) 2 Page - XP Power Limited

Part # JTC0448S15
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTC0448S15 Datasheet(HTML) 2 Page - XP Power Limited

  JTC0448S15 Datasheet HTML 1Page - XP Power Limited JTC0448S15 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
27-Nov-08
JTC Series
Mechanical Details and Application Note
Models and Ratings
Notes
All dimensions are in inches (mm)
Weight: 0.04 lbs (20 g) approx.
Printed Face
Bottom View
1.25
(31.75)
0.90
(22.86)
0.80
(20.32)
0.60
(15.24)
DIA
0.02
(0.50)
0.10
(2.54)
0.40 (10.40)
0.12 (3.05) Min.
Built-in stand-offs
to ease PCB cleaning
23
22
16
14
23
911
Notes:
1. Pin diameter: 0.02 ±0.002 (0.5 ±0.05)
2. Pin pitch tolerance: ±0.014 (±0.35)
3. Case Tolerance: ±0.02 (±0.5)
Pin
Single
Dual
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
N.C.
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
Input
Voltage
Output
Voltage
Output
Current
Input Current
(2)
Maximum
Capacitive Load
(3)
Efficiency
Model
Number
(1)
No Load
Full Load
9-36 V
3.3 V
1200 mA
12 mA
220 mA
1000 µF
75%
JTC0424S3V3
5.0 V
800 mA
15 mA
211 mA
1000 µF
79%
JTC0424S05
9.0 V
445 mA
12 mA
203 mA
220 µF
79%
JTC0424S09
12.0 V
333 mA
15 mA
203 mA
220 µF
82%
JTC0424S12
15.0 V
267 mA
15 mA
203 mA
220 µF
82%
JTC0424S15
18.0 V
223 mA
15 mA
203 mA
10 µF
82%
JTC0424S18
24.0 V
167 mA
18 mA
203 mA
220 µF
82%
JTC0424S24
±3.3 V
±606 mA
12 mA
220 mA
470 µF
75%
JTC0424D03
±5.0 V
±400 mA
15 mA
211 mA
100 µF
79%
JTC0424D05
±9.0 V
±222 mA
15 mA
208 mA
47 µF
80%
JTC0424D09
±12.0 V
±167 mA
15 mA
203 mA
47 µF
82%
JTC0424D12
±15.0 V
±134 mA
20 mA
208 mA
10 µF
80%
JTC0424D15
±24.0 V
±84 mA
18 mA
208 mA
22 µF
80%
JTC0424D24
18-72 V
3.3 V
1200 mA
10 mA
110 mA
1000 µF
76%
JTC0448S3V3
5.0 V
800 mA
8 mA
106 mA
470 µF
79%
JTC0448S05
9.0 V
445 mA
10 mA
100 mA
330 µF
83%
JTC0448S09
12.0 V
333 mA
12 mA
104 mA
1000 µF
80%
JTC0448S12
15.0 V
267 mA
10 mA
99 mA
47 µF
84%
JTC0448S15
18.0 V
223 mA
10 mA
99 mA
10 µF
84%
JTC0448S18
24.0 V
167 mA
15 mA
99 mA
22 µF
82%
JTC0448S24
±3.3 V
±606 mA
10 mA
107 mA
680 µF
78%
JTC0448D03
±5.0 V
±400 mA
15 mA
106 mA
330 µF
79%
JTC0448D05
±9.0 V
±222 mA
18 mA
104 mA
47 µF
80%
JTC0448D09
±12.0 V
±167 mA
12 mA
102 mA
100 µF
82%
JTC0448D12
±15.0 V
±134 mA
15 mA
104 mA
100 µF
80%
JTC0448D15
±24.0 V
±84 mA
15 mA
103 mA
33 µF
81%
JTC0448D24
Input
Voltage
Output
Voltage
Output
Current
Input Current
(2)
Maximum
Capacitive Load
(3)
Efficiency
Model
Number
(1)
No Load
Full Load
9-36 V
3.3 V
1400 mA
12 mA
253 mA
1000 µF
76%
JTC0624S3V3
5.0 V
1200 mA
10 mA
312 mA
1000 µF
80%
JTC0624S05
9.0 V
667 mA
12 mA
301 mA
220 µF
83%
JTC0624S09
12.0 V
500 mA
15 mA
301 mA
1000 µF
83%
JTC0624S12
15.0 V
400 mA
18 mA
301 mA
470 µF
83%
JTC0624S15
18.0 V
334 mA
15 mA
301 mA
47 µF
83%
JTC0624S18
24.0 V
250 mA
18 mA
305 mA
47 µF
82%
JTC0624S24
±3.3 V
±900 mA
12 mA
338 mA
470 µF
74%
JTC0624D03
±5.0 V
±600 mA
10 mA
312 mA
680 µF
80%
JTC0624D05
±9.0 V
±330 mA
18 mA
309 mA
100 µF
81%
JTC0624D09
±12.0 V
±250 mA
20 mA
301 mA
330 µF
83%
JTC0624D12
±15.0 V
±200 mA
22 mA
305 mA
100 µF
82%
JTC0624D15
±24.0 V
±125 mA
18 mA
312 mA
22 µF
80%
JTC0624D24
18-72 V
3.3 V
1400 mA
15 mA
126 mA
1000 µF
76%
JTC0648S3V3
5.0 V
1200 mA
8 mA
156 mA
1000 µF
80%
JTC0648S05
9.0 V
667 mA
10 mA
153 mA
220 µF
82%
JTC0648S09
12.0 V
500 mA
10 mA
151 mA
1000 µF
83%
JTC0648S12
15.0 V
400 mA
10 mA
149 mA
100 µF
84%
JTC0648S15
18.0 V
334 mA
10 mA
151 mA
10 µF
83%
JTC0648S18
24.0 V
250 mA
12 mA
151 mA
22 µF
83%
JTC0648S24
±3.3 V
±900 mA
10 mA
162 mA
330 µF
77%
JTC0648D03
±5.0 V
±600 mA
10 mA
158 mA
470 µF
79%
JTC0648D05
±9.0 V
±330 mA
15 mA
154 mA
100 µF
81%
JTC0648D09
±12.0 V
±250 mA
10 mA
152 mA
100 µF
82%
JTC0648D12
±15.0 V
±200 mA
15 mA
149 mA
47 µF
84%
JTC0648D15
±24.0 V
±125 mA
15 mA
156 mA
22 µF
80%
JTC0648D24
Input Filter
L
C2
C1
+Vin
-Vin
L = 12 µH
C1 = 68 µF
C2 = 33 µF
+
-
1. For optional 3000 VDC isolation add suffix ‘-H’ to model number.
2. Input current measured at nominal input voltage.
3. Maximum capacitive load is per output.


Similar Part No. - JTC0448S15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTC0448S15 XPPOWER-JTC0448S15 Datasheet
261Kb / 2P
   4/6 Watts JTC Series
More results

Similar Description - JTC0448S15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com