Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTA2024S12 Datasheet(PDF) 2 Page - XP Power Limited

Part # JTA2024S12
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTA2024S12 Datasheet(HTML) 2 Page - XP Power Limited

  JTA2024S12 Datasheet HTML 1Page - XP Power Limited JTA2024S12 Datasheet HTML 2Page - XP Power Limited JTA2024S12 Datasheet HTML 3Page - XP Power Limited JTA2024S12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Application Notes
JTA10
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
+Input
+Input
2
-Input
-Input
3
+Output
+Output
4
No pin
Common
5
-Output
-Output
Models and Ratings
Input
Voltage
Maximum
Power
Overvoltage
Protection
Output V1
Output V2
Efficiency
Model
Number
V Nom
I Max
V Nom
I Max
9-36 VDC
6.6 W
3.9 V
3.3 V
2.00 A
77%
JTA1024S3V3
10.0 W
6.8 V
5.0 V
2.00 A
79%
JTA1024S05
10.0 W
15.0 V
12.0 V
0.83 A
81%
JTA1024S12
10.0 W
18.0 V
15.0 V
0.67 A
81%
JTA1024S15
10.0 W
6.8 V
5.0 V
1.00 A
-5.0 V
1.00 A
80%
JTA1024D01
10.0 W
15.0 V
12.0 V
0.42 A
-12.0 V
0.42 A
80%
JTA1024D02
10.0 W
18.0 V
15.0 V
0.33 A
-15.0 V
0.33 A
80%
JTA1024D03
18-75 VDC
6.6 W
3.9 V
3.3 V
2.00 A
78%
JTA1048S3V3
10.0 W
6.8 V
5.0 V
2.00 A
80%
JTA1048S05
10.0 W
15.0 V
12.0 V
0.83 A
82%
JTA1048S12
10.0 W
18.0 V
15.0 V
0.67 A
82%
JTA1048S15
10.0 W
6.8 V
5.0 V
1.00 A
-5.0 V
1.00 A
81%
JTA1048D01
10.0 W
15.0 V
12.0 V
0.42 A
-12.0 V
0.42 A
83%
JTA1048D02
10.0 W
18.0 V
15.0 V
0.33 A
-15.0 V
0.33 A
83%
JTA1048D03
1.00
(25.4)
0.41
(10.2)
0.10
(2.5)
0.30
(7.6)
0.44
(11.14)
0.22
(5.6)
2.00
(50.8)
0.80
(20.3)
0.60
( 15.2)
0.04 DIA
(1.0)
5
4
3
2
1
0.20
(5.1)
0.50
(12.7)
Bottom View
Derating Curve
12 W
10 W
8 W
6 W
4 W
2 W
0 W
-40
0
10
20
30
Ambient Temp ( ˚C)
40
50
60
70
80
90
100
17.5 W
1
All dimensions are in inches (mm)
Weight: 0.06 lb (28 g) approx.
Packaging Style: Copper case with non-conducting base
Notes
1. For EN55022 Level B performance below -25 ºC, a 100 µF (24 VDC input), 22 µF (48 VDC input) electrolytic capacitor is required across the input of the converter.
Mechanical Details


Similar Part No. - JTA2024S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
JTA1524D01 ETC1-JTA1524D01 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
JTA1524D02 ETC1-JTA1524D02 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
JTA1524D03 ETC1-JTA1524D03 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
JTA1524S05 ETC1-JTA1524S05 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
More results

Similar Description - JTA2024S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com