Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPP-100-24 Datasheet(PDF) 2 Page - XP Power Limited

Part # LPP-100-24
Description  100W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LPP-100-24 Datasheet(HTML) 2 Page - XP Power Limited

  LPP-100-24 Datasheet HTML 1Page - XP Power Limited LPP-100-24 Datasheet HTML 2Page - XP Power Limited LPP-100-24 Datasheet HTML 3Page - XP Power Limited LPP-100-24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BlockDiagram
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:LPP-100-SPEC2005-09-13
Unit:mm
PFCfosc:67KHz
PWMfosc:134KHz
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
85
100
115
135
155
230
264
100
90
80
70
60
50
40
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
Convection
3.3V~7.5VWithNOFAN
Forced Air
3.3~7.5V
12~48V
With18CFM
(15cm)
WithNoFAN
Forced Air
DCOutputConnector(CN2):JST B8P-VHorequivalent
PinNo.
1,2,3,4
5,6,7,8
Assignment
-V
+V
MatingHousing
JST VHR
orequivalent
Terminal
JST SVH-21T-P1.1
orequivalent
ACInputConnector(CN1):JST B5P-VHorequivalent
PinNo.
1
3
5
2,4
Assignment
AC/L
AC/N
FG
NoPin
MatingHousing
JST VHR
JST SVH-21T-P1.1
orequivalent
orequivalent
Terminal
COSTANT CURRENT
LIMITING&
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
ING
CONTROL
O.V.P.
&
PFC
5
212
222
F4A/250V
CN1
3
4
1
2
5
+V ADJ.
8
CN2
1
100WSingleOutputwithPFCFunction
L P P - 1 0 0 series


Similar Part No. - LPP-100-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPP-100-24 ASTRODYNE-LPP-100-24 Datasheet
412Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
LPP-100-24 MEANWELL-LPP-100-24 Datasheet
335Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-24 RSG-LPP-100-24 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
LPP-100-24 MEANWELL-LPP-100-24 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
LPP-100-24 MEANWELL-LPP-100-24 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
More results

Similar Description - LPP-100-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
LPP100 ASTRODYNE-LPP100 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
SP-100 ASTRODYNE-SP-100 Datasheet
327Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100_10 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
HRP-100 MEANWELL-HRP-100_11 Datasheet
329Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com