Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPP-150-3.3 Datasheet(PDF) 3 Page - XP Power Limited

Part # LPP-150-3.3
Description  100W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LPP-150-3.3 Datasheet(HTML) 3 Page - XP Power Limited

  LPP-150-3.3 Datasheet HTML 1Page - XP Power Limited LPP-150-3.3 Datasheet HTML 2Page - XP Power Limited LPP-150-3.3 Datasheet HTML 3Page - XP Power Limited LPP-150-3.3 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FileName:LPP-150-SPEC2006-10-18
150WSingleOutputwithPFCFunction
L P P - 1 5 0 series
Universal AC input / Full range
Built-in active PFC function, PF>0.96
Protections:Short circuit/Over load/Over voltage
Protections:Over temperature(option)
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at PFC:67KHz PWM:134KHz
3 years warranty
Features :
20~90%RHnon-condensing
-10~+60
withcoolingFAN(Refertooutputloadderatingcurve)
-20~+85
,10~95%RH
0.05%/
(0~50
10~500Hz,2G10min./1cycle,Periodfor60min.eachalongX, Y,Zaxes
191.8Khrsmin.MIL-HDBK-217F(25
)
222*75*41mm(L*W*H)
0.62Kg;24pcs/16.6Kg/1.39CUFT
UL60950-1, TUVEN60950-1 Approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,Lightindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGHUMIDITY
WORKINGTEMP.
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
LPP-150-3.3 LPP-150-5
LPP-150-7.5 LPP-150-12
LPP-150-13.5 LPP-150-15
LPP-150-24
LPP-150-27
LPP-150-48
3.3V
5V
7.5V
12V
13.5V
15V
24V
27V
48V
30A
30A
20A
12.5A
11.2A
10A
6.3A
0~6.3A
150W
5.6A
3.2A
0~30A
0~30A
0~20A
0~12.5A
0~11.2A
0~10A
0~5.6A
0~3.2A
99W
150W
150W
150W
151.2W
150W
151.2W
153.6W
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
150mVp-p
150mVp-p
250mVp-p
3.14~3.63V 4.75~5.5V
7.13~8.25V 11.4~13.2V 12.8~14.9V 14.3~16.5V 22.8~26.4V 25.7~29.7V 45.6~52.8V
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
2.0%
SPECIFICATION
MODEL
DCVOLTAGE
STORAGETEMP.,HUMIDITY
1.0%
1.0%
1.0%
1.0%
0.5%
1.0%
1.0%
0.5%
0.5%
600ms,30msatfullload
30msatfullload
85~264VAC120~370VDC
47~63Hz
PF
0.96/230VACPF
0.98/115VACatfullload
66%
2.5A/115VAC1.2A/230VAC
COLDSTART 40A/230VAC
<3.5mA /240VAC
105~150% ratedoutputpower
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
EMICONDUCTION&RADIATION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
72%
76%
79%
80%
80%
83%
83%
83%
3.63~4.45V 5.5~6.75V
8.25~10.1V 13.2~16.2V 14.85~18.2V 16.5~20.25V 26.4~32.4V 29.7~36.5V 52.8~64.8V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover


Similar Part No. - LPP-150-3.3

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPP-150-3.3 ASTRODYNE-LPP-150-3.3 Datasheet
360Kb / 2P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
LPP-150-3.3 MEANWELL-LPP-150-3.3 Datasheet
284Kb / 2P
   150W Single Output with PFC Function
logo
Tumbler Technologies + ...
LPP-150-3.3 TRUMPOWER-LPP-150-3.3 Datasheet
369Kb / 2P
   Single Output Switching Power Supplies With PFC
logo
Mean Well Enterprises C...
LPP-150-3.3 MEANWELL-LPP-150-3.3 Datasheet
287Kb / 2P
   150W Single Output with PFC Function
LPP-150-3.3 MEANWELL-LPP-150-3.3 Datasheet
287Kb / 2P
   150W Single Output with PFC Function L
More results

Similar Description - LPP-150-3.3

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
LPP100 ASTRODYNE-LPP100 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
SP-100 ASTRODYNE-SP-100 Datasheet
327Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100_10 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
HRP-100 MEANWELL-HRP-100_11 Datasheet
329Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com