Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFA0051330B0-XC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # NFA0051330B0-XC
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NFA0051330B0-XC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  NFA0051330B0-XC Datasheet HTML 1Page - Murata Power Solutions Inc. NFA0051330B0-XC Datasheet HTML 2Page - Murata Power Solutions Inc. NFA0051330B0-XC Datasheet HTML 3Page - Murata Power Solutions Inc. NFA0051330B0-XC Datasheet HTML 4Page - Murata Power Solutions Inc. NFA0051330B0-XC Datasheet HTML 5Page - Murata Power Solutions Inc. NFA0051330B0-XC Datasheet HTML 6Page - Murata Power Solutions Inc. NFA0051330B0-XC Datasheet HTML 7Page - Murata Power Solutions Inc. NFA0051330B0-XC Datasheet HTML 8Page - Murata Power Solutions Inc. NFA0051330B0-XC Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Murata Power Solutions
2
NCA005_6200830000.B01
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
Input Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Input Voltage Operating Range
3.0
5
5.5
Vdc
Input Reflected Ripple Current
150
mA p-p
Inrush Current Transient
0.2
A
2s
Input Filter Type (external)
100
μF
Input Turn ON Threshold
2.05
V
Input Turn OFF Threshold
1.91
V
Enable
Positive enable: ON
open
(Positive enable has 20K pullup)
Positive enable: OFF
<0.4
Vdc
(Negative enable has no internal
Negative enable: ON; open circuit or
<0.4
Vdc
pullup resistor)
Negative enable: OFF
2
Vin
Output Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Vout Accuracy
100% load
-1.5
+1.5
%
Output Loading
0
5
A
Output Ripple & Noise
@ 20Mhz Bandwidth.
50
mV
Maximum Capacitive Load
Low ESR
3000
μF
Vout Trim Range (Nom)
0.75
3.63
V
Total Accuracy
Over line/load temperature
<2%
Current Limit
10
A
Output Line Regulation
-0.4
+0.4
%
Output Load Regulation
-0.5
+0.5
%
Turn-on Overshoot
1
%
SC Protection Technique
Hiccup with auto recovery
Pre-bias Start-up at output
Unit starts monotonically with pre-
bias
Dynamic Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Load Transient
50% step, 0.1A/
μs
200
mV
Settling Time
200
μs
Frequency
300
KHz
Rise Time
10% Vo to 90% Vo
4.5
ms
Start-Up Time
Vin to Vout and On/Off to Vout
Vout rise to monotonic
6.5
ms
General Specifications
Notes & Conditions
Min
Typ.
Max
Units
MTBF
Calculated (MIL-HDBK-217F)
1.5
x10
6 Hrs
Thermal Protection
Thermal Measurement Location (TML)
110
°C
Operating Temperature
Without derating, 0LFM
-40
70
°C
Operating Ambient Temperature
See Power derating curve
-40
85
°C
SIP Dimensions
0.9”Lx0.4”Wx0.22”H
(22.9x10.16x5.6mm)
SMT Dimensions
0.80”Lx0.450”Wx0.24”H
(20.3x11.43x6.09mm)
SIP Pin Dimensions
0.025” (0.64mm) SQUARE
0.64
mm
SMT Block Dimensions
0.090” x0.062” x 0.062”
SQUARE
Pin and Block Material
Square copper with tin-lead plated
Weight
2.3
g
Flammability Rating
UL94V-0


Similar Part No. - NFA0051330B0-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFA0051500B0-XC MURATA-PS-NFA0051500B0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFA0051500BP-XC MURATA-PS-NFA0051500BP-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFA0051500S0-XC MURATA-PS-NFA0051500S0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFA0051500SP-XC MURATA-PS-NFA0051500SP-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFA0051501B0-XC MURATA-PS-NFA0051501B0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results

Similar Description - NFA0051330B0-XC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA005 MURATA-PS-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA005 CANDD-NCA005 Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA005 MURATA-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com