Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC126DB Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AHC126DB
Description  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC126DB Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC126DB Datasheet HTML 1Page - Texas Instruments SN74AHC126DB Datasheet HTML 2Page - Texas Instruments SN74AHC126DB Datasheet HTML 3Page - Texas Instruments SN74AHC126DB Datasheet HTML 4Page - Texas Instruments SN74AHC126DB Datasheet HTML 5Page - Texas Instruments SN74AHC126DB Datasheet HTML 6Page - Texas Instruments SN74AHC126DB Datasheet HTML 7Page - Texas Instruments SN74AHC126DB Datasheet HTML 8Page - Texas Instruments SN74AHC126DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54AHC126, SN74AHC126
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCLS257L – DECEMBER 1995 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
description/ordering information
The ’AHC126 devices are quadruple bus buffer
gates featuring independent line drivers with
3-state outputs. Each output is disabled when the
associated output-enable (OE) input is low. When
OE is high, the respective gate passes the data
from the A input to its Y output.
To ensure the high-impedance state during power
up or power down, OE should be tied to GND
through a pulldown resistor; the minimum value of
the resistor is determined by the current-sourcing
capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74AHC126N
SN74AHC126N
SOIC – D
Tube
SN74AHC126D
AHC126
SOIC – D
Tape and reel
SN74AHC126DR
AHC126
–40
°Cto85°C
SOP – NS
Tape and reel
SN74AHC126NSR
AHC126
–40
°C to 85°C
SSOP – DB
Tape and reel
SN74AHC126DBR
HA126
TSSOP
PW
Tube
SN74AHC126PW
HA126
TSSOP – PW
Tape and reel
SN74AHC126PWR
HA126
TVSOP – DGV
Tape and reel
SN74AHC126DGVR
HA126
CDIP – J
Tube
SNJ54AHC126J
SNJ54AHC126J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHC126W
SNJ54AHC126W
LCCC – FK
Tube
SNJ54AHC126FK
SNJ54AHC126FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54AHC126 ...J OR W PACKAGE
SN74AHC126 . . . D, DB, DGV, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54AHC126 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3OE
1Y
NC
2OE
NC
2A
NC – No internal connection
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74AHC126DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC126DBLE TI-SN74AHC126DBLE Datasheet
624Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHC126DBLE TI-SN74AHC126DBLE Datasheet
577Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHC126DBR TI-SN74AHC126DBR Datasheet
624Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHC126DBR TI-SN74AHC126DBR Datasheet
577Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHC126DBR TI1-SN74AHC126DBR Datasheet
2Mb / 34P
[Old version datasheet]   SNx4AHC126 Quadruple Bus Buffer Gates with 3-State Outputs
REVISED AUGUST 2023
More results

Similar Description - SN74AHC126DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC126 TI-SN54HC126_08 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G125A POTATO-PO74G125A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ABT125 TI1-SN54ABT125_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHC126 TI-SN54AHC126_08 Datasheet
577Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54BCT125A TI-SN54BCT125A Datasheet
491Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54LV125A TI-SN54LV125A_10 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A Datasheet
345Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_07 Datasheet
926Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A_07 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com