Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC138D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC138D
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC138D Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC138D Datasheet HTML 1Page - Texas Instruments SN74AHC138D Datasheet HTML 2Page - Texas Instruments SN74AHC138D Datasheet HTML 3Page - Texas Instruments SN74AHC138D Datasheet HTML 4Page - Texas Instruments SN74AHC138D Datasheet HTML 5Page - Texas Instruments SN74AHC138D Datasheet HTML 6Page - Texas Instruments SN74AHC138D Datasheet HTML 7Page - Texas Instruments SN74AHC138D Datasheet HTML 8Page - Texas Instruments SN74AHC138D Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN54AHC138, SN74AHC138
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS258I – DECEMBER 1995 – REVISED JANUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC138
SN74AHC138
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
ABC
Any Y
CL =15 pF
8.2*
11.4*
1*
13*
1
13
ns
tPHL
A, B, C
Any Y
CL = 15 pF
8.2*
11.4*
1*
13*
1
13
ns
tPLH
G1
Any Y
CL =15 pF
8.1*
12.8*
1*
15*
1
15
ns
tPHL
G1
Any Y
CL = 15 pF
8.1*
12.8*
1*
15*
1
15
ns
tPLH
G2A G2B
Any Y
CL =15 pF
8.2*
11.4*
1*
13.5*
1
13.5
ns
tPHL
G2A, G2B
Any Y
CL = 15 pF
8.2*
11.4*
1*
13.5*
1
13.5
ns
tPLH
ABC
Any Y
CL =50 pF
10
15.8
1
18
1
18
ns
tPHL
A, B, C
Any Y
CL = 50 pF
10
15.8
1
18
1
18
ns
tPLH
G1
Any Y
CL =50 pF
10.6
16.3
1
18.5
1
18.5
ns
tPHL
G1
Any Y
CL = 50 pF
10.6
16.3
1
18.5
1
18.5
ns
tPLH
G2A G2B
Any Y
CL =50 pF
10.7
14.9
1
17
1
17
ns
tPHL
G2A, G2B
Any Y
CL = 50 pF
10.7
14.9
1
17
1
17
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC138
SN74AHC138
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
ABC
Any Y
CL =15 pF
5.7*
8.1*
1*
9.5*
1
9.5
ns
tPHL
A, B, C
Any Y
CL = 15 pF
5.7*
8.1*
1*
9.5*
1
9.5
ns
tPLH
G1
Any Y
CL =15 pF
5.6*
8.1*
1*
9.5*
1
9.5
ns
tPHL
G1
Any Y
CL = 15 pF
5.6*
8.1*
1*
9.5*
1
9.5
ns
tPLH
G2A G2B
Any Y
CL =15 pF
5.8*
8.1*
1*
9.5*
1
9.5
ns
tPHL
G2A, G2B
Any Y
CL = 15 pF
5.8*
8.1*
1*
9.5*
1
9.5
ns
tPLH
ABC
Any Y
CL =50 pF
7.2
10.1
1
11.5
1
11.5
ns
tPHL
A, B, C
Any Y
CL = 50 pF
7.2
10.1
1
11.5
1
11.5
ns
tPLH
G1
Any Y
CL =50 pF
7.1
10.1
1
11.5
1
11.5
ns
tPHL
G1
Any Y
CL = 50 pF
7.1
10.1
1
11.5
1
11.5
ns
tPLH
G2A G2B
Any Y
CL =50 pF
7.3
10.1
1
11.5
1
11.5
ns
tPHL
G2A, G2B
Any Y
CL = 50 pF
7.3
10.1
1
11.5
1
11.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
13
pF


Similar Part No. - SN74AHC138D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC138D TI-SN74AHC138D Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138D TI-SN74AHC138D Datasheet
135Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138D TI1-SN74AHC138D Datasheet
1Mb / 28P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138D TI-SN74AHC138D Datasheet
169Kb / 10P
[Old version datasheet]   ADS78/8505EVM Users Guide
December 2004
SN74AHC138DBLE TI-SN74AHC138DBLE Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74AHC138D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com