Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCA0051330BP-XC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # NCA0051330BP-XC
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCA0051330BP-XC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  NCA0051330BP-XC Datasheet HTML 1Page - Murata Power Solutions Inc. NCA0051330BP-XC Datasheet HTML 2Page - Murata Power Solutions Inc. NCA0051330BP-XC Datasheet HTML 3Page - Murata Power Solutions Inc. NCA0051330BP-XC Datasheet HTML 4Page - Murata Power Solutions Inc. NCA0051330BP-XC Datasheet HTML 5Page - Murata Power Solutions Inc. NCA0051330BP-XC Datasheet HTML 6Page - Murata Power Solutions Inc. NCA0051330BP-XC Datasheet HTML 7Page - Murata Power Solutions Inc. NCA0051330BP-XC Datasheet HTML 8Page - Murata Power Solutions Inc. NCA0051330BP-XC Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Technical enquiries email: sales@murata-ps.com, tel: +508 339 3000
1
NCA005_6200830000.B01
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
Features:
Small size, minimal footprint – SMT/SIP package
5A Output Current (all voltages)
High Efficiency: up to 94%
High reliability
RoHS Compliant
Cost efficient open frame design
Output voltage programmable by an external resistor.
Monotonic Start with Pre-Bias.
Output
Input
Efficiency
PARD
(mVp-p)
Regulation
Max
Vin
Nom.
(V)
Range
(V)
Iin
Typ
(A)
Full Load
Vout
(V)
Iout
(A)
Typ.
Max.
Line
Load
Typ.
0.75
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
0.949
79%
1.2
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
1.412
85%
1.5
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
1.724
87%
1.8
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
2.022
89%
2.0
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
2.222
90%
2.5
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
2.217
92%


Similar Part No. - NCA0051330BP-XC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCA0051330B0C CANDD-NCA0051330B0C Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA0051330B0C MURATA-NCA0051330B0C Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results

Similar Description - NCA0051330BP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA005 MURATA-PS-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA005 CANDD-NCA005 Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA005 MURATA-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com