Part Name
         Description
LVD12

 Low Volt Disconnect Module ( 1 Page)


XPPOWER
100% 
Zoom Out Zoom In
   
 1 page
background image
Input
Operating
-25% to +30% output voltage
Voltage Range
Output
LVD Relay Contacts
1 pole changeover - See Table for
current rating
LVD Alarm Set Range •
-35 to +10% output voltage
(user adjustable)
Pre-Warning
-35 to +10% output voltage
Disconnect
(user adjustable)
General
Alarm Relay Contacts •
1 pole changeover, 1 A 24 VDC
Screw Terminal Sizes •
Input - suitable for 1.0 mm2 cable,
LVD - suitable for 2.5 mm2 cable,
Alarms - suitable for 1mm2 cable
Mounting
DIN Rail
Environmental
Operating
0 °C to +50 °C (40 °C ambient plus
Temperature
+10 °C rise inside enclosure)
Storage
-40 °C to +85 °C
Temperature
Humidity
90% non-condensing
Up To 30 A Maximum Current
Deep Discharge Pre-Warning Alarm
Din Rail Mounting
Automatic Reset
12, 24 & 48 VDC
Up To 30 A
LVD Series
Low Volt Disconnect Module
Specification
T HE XP ERTS I N P OWER
www.xpplc.com
sales@xpplc.com
Mechanical Details
LVD SERIES
Output
Output
Model
Voltage
Current
Number
12 V
30 A
LVD12
24 V
20 A
LVD24
48 V
10 A
LVD48
NOTES:
1. All dimensions in mm.
2. Weight 0.11 Kg.
3. Alarm contacts shown in de-energised state.
PSU
LVD
SCHEMATIC
NOTE:
F2 - Max Rating 20 A
F2
F1
Rev 2.0
1 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AUG15WUltra Low Profile DC - DC Module Pb-free reflow compatible and ROHS Compliant 1 2 3 4 5 MoreAstec America, Inc
ACX705AKM_1Low Temperature Polycrystalline Silicon 6.9 cm 2.7-type 1/8 VGA Color Reflective LCD Module with Built-in Low-power 3-bit D/A Converter 1 2 Sony Corporation
AUG20WUltra Low Profile DC- DC Module Pb-free reflow compatible and ROHS Compliant 1 2 3 4 5 MoreAstec America, Inc
ZRC250_03PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE 1 2 3 4 5 Zetex Semiconductors
AUK30WUltra Low Profile DC - DC Module Pb-free reflow compatible and ROHS Compliant 1 2 3 4 5 MoreAstec America, Inc
BIM-UHFLow Power UHF Data Transceiver Module 1 2 3 4 5 MoreRadiometrix Ltd
ZRC330_03PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE 1 2 3 4 5 Zetex Semiconductors
AUM10WUltra Low Profile DC - DC Module Pb-free reflow compatible and ROHS Compliant 1 2 3 4 5 MoreAstec America, Inc
TFDU5107_05Low Profile Transceiver Module for Telecom Applications 9.6 kbit/s to 1.152 Mbit/s Data Transmission Rate 1 2 3 4 5 MoreVishay Siliconix
ZRC400_03PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE 1 2 3 4 5 Zetex Semiconductors

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl