Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFA350PS24 Datasheet(PDF) 3 Page - XP Power Limited

Part # MFA350PS24
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MFA350PS24 Datasheet(HTML) 3 Page - XP Power Limited

  MFA350PS24 Datasheet HTML 1Page - XP Power Limited MFA350PS24 Datasheet HTML 2Page - XP Power Limited MFA350PS24 Datasheet HTML 3Page - XP Power Limited MFA350PS24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MFA350
PIN CONNECTIONS AC INPUT J1 Molex 26-60-4050
1
GND
3
Neutral
5
Line
PIN CONNECTIONS DC OUTPUT J2 Molex 26-60-4100
PIN
FUNCTION
PIN
FUNCTION
1
+V1
6
-V1
2
+V1
7
-V1
3
+V1
8
-V1
4
+V1
9
-V1
5
+V1
10
-V1
Mating Parts: Molex Housing 43061-0010 Contact 08-70-1030
Option ‘-S’ screw terminals, 2 x Phoenix Contact: MKDS 1/5-3.81 or similar
accepts 26-16 AWG wire
Mating Parts: Molex, Housing 43061-0005, Contact 08-70-1030,
Option ‘-S’ screw terminals, Phoenix Contact: MKDS 1/5-3.81 or similar accepts
26-16 AWG wire (contacts 2 & 4 removed)
PIN CONNECTIONS LOGIC CONNECTOR
J3 JST B10B-PHDSS (LF) (SN)
PIN
FUNCTION
PIN
FUNCTION
1
AC OK
6
+Sense
2
ROF (Inhibit/Enable)
7
-Sense
3
Current Share
8
Not Used
4
DC OK
9
5 V Standby V3
5
Not used
10
5 V Standby Return V3
Mating Parts: JST, Housing PHDR-10VS, Contact SPHD-001T-P0.5
Mating Parts: Molex Housing 22-01-1024, Contact 08-70-0057
PIN CONNECTIONS FAN OUTPUT J4 Molex 22-04-1021
1
+V2
2
-V2
Notes 1. All dimensions in inches (mm).
Mechanical Details
5 x M3-0.5 Mounting Thread
0.236 (6.0) Max Screw Penetration
Bottom Side of Power Supply
8.280 (210.31)
0.80
(2.03)
0.60
(15.2)
0.663
(16.84)
3.326
(84.48)
2.0
(50.80)
1.375
(34.92)
3.326
(84.47)
1.750
(44.45)
AC Input Interface Conn
GND
1.750
(44.45)
8.200
(208.28)
6.80
(172.7)
V1(-)
V1(+)
0.400
(10.16)
5.800 (147.32)
1.750
(44.45)
7.200 (182.88)
8.200 (208.28)
Output Interface Connector
Voltage Adjust
Logic Connector
ACL
End Fan
(Suffix EF)


Similar Part No. - MFA350PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MFA350PS24 XPPOWER-MFA350PS24 Datasheet
9Mb / 40P
   Screw Terminals Available
More results

Similar Description - MFA350PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com