Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM55EL-1000-FB Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # HM55EL-1000-FB
Description  HERMETIC SEALED PRECISION METAL FILM RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

HM55EL-1000-FB Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  HM55EL-1000-FB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industry’s widest range!
Tolerances to ±0.01%, TC’s to ±5ppm!
Hermetic enclosure enables exceptional environmental
stability and physical protection
Power levels are above equivalent military ratings!
Available on exclusive SWIFTTM delivery program!
Extremely low noise, thermal EMF, and voltage coefficient
OPTIONS
OPTION EK : Group A screening per Mil-R-10509
OPTION EL: Group A & B screening per Mil-R-10509
A variety of options are available including custom sizes,
formed leads, matched sets, non-standard values, special
lab testing/burn-in, increased power/voltage/pulse capability,
etc. Customized components are RCD’s specialty!
HM SERIES
SPECIFICATIONS
HERMETIC SEALED
PRECISION METAL FILM RESISTORS
1 MIL type given for reference only and does not imply MIL qualification or exact interchangeability. 2 Increased range available, consult factory
PERFORMANCE CHARACTERISTICS*
* Tested in accordance with MIL-PRF-55182 at applicable MIL power ratings.
** TC is measured +25 to +85°C, expanded range available
RCD Series HM hermetically sealed precision metal film
resistors are designed for demanding applications including
high humidity, salt atmosphere, and other hostile environ-
ments. The improved environmental stability is achieved by
hermetically sealing the resistor element within the external
insulated tube.
The wide choice of resistance values, tolerances, and tempera-
ture coefficients exceeds the military range of MIL-PRF-55182,
enabling new opportunities for circuit designers.
D
C
R
e
p
y
T
L
I
M
e
p
y
T
1
d
r
a
d
n
a
t
S
g
n
i
t
a
R
e
g
a
t
t
a
W
y
r
a
t
i
l
i
M
g
n
i
t
a
R
e
g
a
t
t
a
W
.
x
a
M
g
n
i
k
r
o
W
e
g
a
t
l
o
V
2
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
2
s
n
o
i
s
n
e
m
i
D
C
°
5
2
1
C
°
0
7C
°
5
2
1
C
°
0
7L
D
d
5
5
M
H
5
5
C
N
R
5
5
R
N
R
5
5
N
N
R
W
1
.
W
2
.W
1
.
W
5
2
1
.V
0
0
20
1
M
1
-
4
2
0
.
±
2
7
2
.
]
6
.
±
9
.
6
[
2
0
.
±
3
2
1
.
]
6
.
±
1
.
3
[
2
0
0
.
±
4
2
0
.
]
5
0
.
±
6
.
[
0
6
M
H
0
6
C
N
R
0
6
R
N
R
0
6
N
N
R
W
5
2
1
.
W
5
2
.W
5
2
.W
5
2
1
.V
0
5
20
1
M
2
-
4
2
0
.
±
7
8
2
.
]
6
.
±
3
.
7
[
4
2
0
.
±
4
3
1
.
]
6
.
±
4
.
3
[
2
0
0
.
±
4
2
0
.
]
5
0
.
±
6
.
[
5
6
M
H
5
6
C
N
R
5
6
R
N
R
5
6
N
N
R
W
5
2
.
W
5
.W
5
.W
5
2
.V
0
0
30
1
M
0
1
-
5
0
.
±
0
3
6
.
]
2
.
1
±
6
1
[
2
3
0
.
±
6
3
2
.
]
8
.
0
±
6
[
2
0
0
.
±
5
2
0
.
]
5
0
.
±
5
3
6
.
[
0
7
M
H
0
7
C
N
R
0
7
R
N
R
0
7
N
N
R
W
5
.
W
0
.
1W
5
.
W
5
7
.V
0
5
30
1
M
0
1
-
2
6
0
.
±
0
8
6
.
]
7
5
.
1
±
3
.
7
1
[
2
3
0
.
±
0
5
2
.
]
8
.
0
±
5
3
.
6
[
2
0
0
.
±
2
3
0
.
]
5
0
.
±
8
.
[
5
7
M
H
5
7
C
N
R
5
7
R
N
R
5
7
N
N
R
W
0
.
1
W
0
.
2W
0
.
1
W
0
.
2V
0
0
50
1
M
0
1
2
6
0
.
±
2
0
1
.
1
]
7
5
.
1
±
8
2
[
4
0
.
±
5
9
3
.
]
1
±
0
1
[
2
0
0
.
±
2
3
0
.
.
]
5
0
.
±
8
.
[
n
o
i
t
i
d
n
o
C.
p
y
T
D
C
RL
I
M.
x
a
M
2
8
1
5
5
-
F
R
P
-
*
*
)
C
°
/
m
p
p
(
C
T0
5
,
5
2
,
5
1
,
0
1
,
5m
p
p
0
5
,
5
2
e
c
n
a
r
e
l
o
T
e
c
n
a
t
s
i
s
e
R
,
%
5
0
.
,
%
2
0
.
,
%
1
0
.
%
1
,
%
5
.
,
%
5
2
.
,
%
1
.
%
1
,
%
5
.
,
%
1
.
e
g
n
a
R
.
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
7
1
+
o
t
°
5
6
-C
°
5
7
1
+
o
t
°
5
6
-
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
3
0
.%
2
.
*
e
f
i
L
d
a
o
L
r
u
o
H
0
0
0
2%
1
.%
5
.
d
a
o
l
r
e
v
O
/
k
c
o
h
S
l
a
m
r
e
h
T%
2
0
.%
2
.
n
o
i
t
a
r
e
p
O
.
p
m
e
T
w
o
L%
5
0
.%
5
1
.
h
t
g
n
e
r
t
S
l
a
n
i
m
r
e
T%
2
0
.%
2
.
g
n
i
d
n
a
t
s
h
t
i
W
c
i
r
t
c
e
l
e
i
D%
2
0
.%
5
1
.
t
a
e
H
r
e
d
l
o
S
o
t
.
s
i
s
e
R%
2
0
.%
1
.
k
c
o
h
S%
3
0
.%
2
.
n
o
i
t
a
r
b
i
V%
2
0
.%
2
.
e
r
u
s
o
p
x
E
.
p
m
e
T
h
g
i
H%
2
.%
5
.
DERATING
100
80
60
40
20
0
-65
50
75
100
125
150
175
AMBIENT TEMPERATURE (°C)
FA073B Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
d
D
L
1.25 ± .25
[31.8 ± 6.35]
P/N DESIGNATION:
HM55
-
1001 -
F T 10 W
Temp. Coef: 5=5ppm, 10=10ppm, 15=15ppm, 25=25ppm, 50=50ppm
RCD Type
Packaging: B = Bulk, T = Tape & Reel
Tolerance Code: F=1%, D=0.5%, C=0.25%, B=0.1%,
A=0.05%, Q=0.02%, T=0.01%
Options: EK, EL (leave blank for std)
Resis. Code: 3 signif. figures & multiplier,
e.g. 1R00= 1
Ω, 10R0=10Ω, 1000= 100Ω, 1001= 1KΩ, etc.
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
60
RESISTORS CAPACITORS COILS DELAY LINES
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
RCD HM70


Similar Part No. - HM55EL-1000-FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM55 ETC1-HM55 Datasheet
450Kb / 3P
   Shielded Drum Compact Package Low Cost Inductors
logo
Bi technologies
HM55 BITECH-HM55 Datasheet
683Kb / 3P
   Shielded Drum Compact Package Low Cost Inductors
logo
TT Electronics.
HM55 TTELEC-HM55 Datasheet
976Kb / 3P
   Shielded Cube Compact Package Low Cost Inductors
logo
List of Unclassifed Man...
HM55-121R3LF ETC1-HM55-121R3LF Datasheet
450Kb / 3P
   Shielded Drum Compact Package Low Cost Inductors
HM55-12R40 ETC1-HM55-12R40 Datasheet
450Kb / 3P
   Shielded Drum Compact Package Low Cost Inductors
More results

Similar Description - HM55EL-1000-FB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSR VISHAY-GSR Datasheet
77Kb / 3P
   Metal Film Resistors, Hermetically-Sealed, Precision, Industrial
Revision: 19-Nov-12
HMS VISHAY-HMS Datasheet
103Kb / 2P
   Metal Film Resistors, Hermetically-Sealed, Precision, Matched Sets
Revision: 22-Feb-10
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
   Precision / Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
   Precision Metal Film Resistors
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
   Precision Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
   PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
   Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
   Precision Metal Film Resistors
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
   Precision Metal Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com