Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3CW20000A3 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 3CW20000A3
Description  The 3CW20,000A3 is a medium-mu power triode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

3CW20000A3 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  3CW20000A3 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
c
griddrivenRFamplifierplatemodulated
5,500
3.0
5,000
---
3.0
515
12.4
c
RFindustrialoscillator
7,000
4.0
7,000
---
4.0
---
22.4
The 3CW20,000A3 is a medium-mu power triode
intended primarily for use as a power oscillator in
industrial heating applications. It is also recom-
mended for use as a conventional plate-modu-
lated amplifier, or as a linear amplifier. service.
3cW20,000a3
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operations, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
20,000 Watts
Screen Dissipation (Max.)
---
Grid Dissipation (Max.)
250 Watts
Frequency for Max. rating (CW)
110 MHz
Amplification Factor
20
Filament/Cathode
Thoriated Tungsten
Voltage
7.5 Volts
Current
99.0 Amps
Capacitance
Grounded Cathode
Input
53.0 pf
Output
1.4 pf
Feedthrough
34 pf
Capacitance
---
Input
--- pf
Output
--- pf
Feedthrough
--- pf
Cooling
Water and Forced Air
Base
Coaxial
Air Socket
SK-1300
Air Chimney
---
Boiler
---
Length
11.22 in; 285.00 mm
Diameter
4.65 in; 118.10 mm
Weight
11.5 lb; 5.2 kg


Similar Part No. - 3CW20000A3

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CW20000A7 CPI-3CW20000A7 Datasheet
94Kb / 1P
   The 3CW20,000A7 is a high-mu power triode
More results

Similar Description - 3CW20000A3

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CW40000A5 CPI-3CW40000A5 Datasheet
90Kb / 1P
   The 3CW40,000A5 is a medium-mu power triode
3CW30000H7 CPI-3CW30000H7 Datasheet
88Kb / 1P
   The 3CW30,000H7 is a high-mu power triode
3CW20000A7 CPI-3CW20000A7 Datasheet
94Kb / 1P
   The 3CW20,000A7 is a high-mu power triode
3CW20000H7 CPI-3CW20000H7 Datasheet
89Kb / 1P
   The 3CW20,000H7 is a high-mu power triode
3CW20000H3 CPI-3CW20000H3 Datasheet
88Kb / 1P
   The 3CW20,000H3 is a water cooled, ceramic/ metal, medium-mu power triode
3CW10000H3 CPI-3CW10000H3 Datasheet
109Kb / 1P
   The 3CW10,000H3 is a water cooled, ceramic/metal, medium-mu power triode
3CW30000H3 CPI-3CW30000H3 Datasheet
88Kb / 1P
   The 3CW30,000H3 is a water cooled, ceramic/ metal, medium-mu power triode
logo
List of Unclassifed Man...
6BA8A ETC2-6BA8A Datasheet
557Kb / 8P
   MINIATURE, MEDIUM MU TRIODE
logo
Communications & Power ...
ML-7482 CPI-ML-7482 Datasheet
91Kb / 1P
   medium-mu power triode designed primarily
3CPX5000A7 CPI-3CPX5000A7 Datasheet
87Kb / 1P
   The 3CPX5000A7 high-mu triode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com